Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 3Page - Infineon Technologies AG TLE6368 Datasheet HTML 4Page - Infineon Technologies AG TLE6368 Datasheet HTML 5Page - Infineon Technologies AG TLE6368 Datasheet HTML 6Page - Infineon Technologies AG TLE6368 Datasheet HTML 7Page - Infineon Technologies AG TLE6368 Datasheet HTML 8Page - Infineon Technologies AG TLE6368 Datasheet HTML 9Page - Infineon Technologies AG TLE6368 Datasheet HTML 10Page - Infineon Technologies AG TLE6368 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
7
2004-10-15
1.5
Basic block diagram
Figure 2 Block Diagram
R1
Linear
Reg. 1
Linear
Reg. 2
Tracker
5V
Reset
Logic
Window
Watchdog
SPI
16 bit
µ-controller /
memory
supply
Sensor
supplies
(off board
supplies)
Power
Down
Logic
Tracker
5V
Tracker
5V
Tracker
5V
Tracker
5V
Tracker
5V
TLE 6368
Standby
Regulator
OSZ
PWM
Driver
Error-
Amplifier
Internal
Reference
feedback
2*
2*
2*
ref
ref
ref
ref
ref
ref
Protection
4*
BUCK
REGULATOR
Boost
IN
Slew
Wake
R2
R3
CLK
CS
DI
DO
ERR
GND
Q_STB
SW
Bootstrap
FB/L_IN
C+
C-
CCP
SEL
Q_LDO1
Q_LDO2
Q_LDO3
Q_T1
Q_T2
Q_T3
Q_T4
Q_T5
Q_T6
Charge
Pump
Linear
Reg. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com