Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7469 Datasheet HTML 1Page - Infineon Technologies AG TLE7469 Datasheet HTML 2Page - Infineon Technologies AG TLE7469 Datasheet HTML 3Page - Infineon Technologies AG TLE7469 Datasheet HTML 4Page - Infineon Technologies AG TLE7469 Datasheet HTML 5Page - Infineon Technologies AG TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Final Data Sheet
4
Rev. 1.3, 2004-10-28
TLE 7469
t
A E P 035 31.V S D
1
I1
2
IN H
3
Q1
12
11
10
GN D
Q2
4
SO
5
WD I
6
GN D
9
8
7
RO
SI
DT
I2
P-DSO-12-4
Figure 2
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No. Symb. Function
1
I1
Input voltage 1; block to ground directly at the IC with a 100 nF
ceramic capacitor
2
INH
Inhibit Input; low level disables the IC. Integrated pull-down resistor
3
Q1
Output voltage 1; 5.0 V, block to GND with a capacitor
C
Q1 ≥ 1 µF, ESR < 6 Ω at 10 kHz
4
SO
Sense output; Output of Early Warning Comparator, open collector
output
5
WDI
Watchdog Input; Trigger Input for Watchdog pulses
6, 11
GND
Ground; Pin 6, 11 and heat slug must be connected to GND
7
DT
DT Delay timing; connect to GND, Q1 or Q2 to select Reset and
Watchdog timing
8
SI
Sense input; Input for Early Warning comparator
9
RO
Reset output; open collector output with integrated 20 k
Ω pull-up
resistor
10
Q2
Output voltage 2; 2.6 V (TLE 7469 GV52), 3.3 V (TLE 7469 GV53);
block to GND with a capacitor
C
Q2 ≥ 1 µF, ESR < 6 Ω at 10 kHz
12
I2
Input voltage 2; block to ground directly at the IC with a 100 nF
ceramic capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com