Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG TLE7469 Datasheet HTML 10Page - Infineon Technologies AG TLE7469 Datasheet HTML 11Page - Infineon Technologies AG TLE7469 Datasheet HTML 12Page - Infineon Technologies AG TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Final Data Sheet
10
Rev. 1.3, 2004-10-28
TLE 7469
Closed window time
t
CW
25.6
32.0
38.4
ms
Fast Timing
102
128
154
ms
Slow Timing
Window watchdog
trigger time
t
WD
39.0
44.8
50.6
ms
Fast Timing
156
179
202
ms
Slow Timing
Reset Output RO
Reset switching
threshold 2
V
RT2
2.35
2.38
2.48
V
TLE 7469 GV52,
V
Q2 decreasing
Reset Headroom 2
V
RH2
130
190
mV
TLE 7469 GV52
Reset switching
threshold 2
V
RT2
3.00
3.07
3.15
V
TLE 7469 GV53,
V
Q2 decreasing
Reset Headroom 2
V
RH2
165
240
mV
TLE 7469 GV53
Reset hysteresis 2
V
RH2
–
45
–
mV
TLE 7469 GV52
3)
–
60
–
mV
TLE 7469 GV53
4)
Reset switching
threshold 1
V
RT1
4.50
4.65
4.80
V
V
Q1 decreasing
Reset hysteresis 1
V
RH1
–
90
–
mV
–
Reset sink current
I
RO
–
–
1
mA
V
Q = 5 V, VRO = 0.5 V
Reset output low
voltage
V
ROL
–
0.15
0.25
V
V
Q2 ≥ 1 V
Reset high voltage
V
ROH
4.5
–
–
V
–
Integrated reset pull-
up resistor
R
RO
10
20
40
k
Ω
Internally connected to
Q1
Power-up Reset
delay time
T
RD
6.0
8.0
10.0
ms
Fast Timing
(
V
DT ≥ 4.5 V)
24.0
32.0
40
ms
Slow Timing
(
V
DT ≤ 3.3 V)
Reset Reaction Time T
RR
–
10
26
µs
–
Table 4
Electrical Characteristics (cont’d)
V
I1 = 13.5 V; VI2 = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com