Electronic Components Datasheet Search
  English  ▼

X  

TLE7469 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7469 Datasheet HTML 12Page - Infineon Technologies AG TLE7469 Datasheet HTML 13Page - Infineon Technologies AG TLE7469 Datasheet HTML 14Page - Infineon Technologies AG TLE7469 Datasheet HTML 15Page - Infineon Technologies AG TLE7469 Datasheet HTML 16Page - Infineon Technologies AG TLE7469 Datasheet HTML 17Page - Infineon Technologies AG TLE7469 Datasheet HTML 18Page - Infineon Technologies AG TLE7469 Datasheet HTML 19Page - Infineon Technologies AG TLE7469 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
V
I
t
A E T 03532.V S D
V
Q1
t
V
RT 1
V
Q2
t
V
RT 2
V
RO
t
V
RO L
V
RO H
T
RD
T
RD
T
RD
T
RR
T
RR
Final Data Sheet
16
Rev. 1.3, 2004-10-28
TLE 7469
Figure 5
Reset Function and Timing Diagram
Watchdog Operation
The watchdog uses a fraction of the charge pump oscillator’s clock signal as timebase.
Connecting the DT pin to Q1 or to Q2 the watchdog timebase can be adjusted. The
watchdog can be turned off by a low level (
V
DT ≤ 0.8 V) applied to the DT pin. The timing
values used in this text refer to typ. values with DT connected to Q1 (fast timing).
Figure 6 shows the state diagram of the window watchdog (WWD). After power-on, the
reset output signal at the RO pin (microcontroller reset) is kept LOW for the reset delay
time T
RD of typ. 8 ms. With the LOW to HIGH transition of the signal at RO the device
starts the ignore window time
t
CW (32 ms). During this window the signal at the WDI pin
is ignored. Next the WWD starts the open window. When a valid trigger signal is detected
during the open window a closed window is initialized immediately. A trigger signal within



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com