Electronic Components Datasheet Search
  English  ▼

X  

LM4985 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4985 Datasheet HTML 1Page - National Semiconductor (TI) LM4985 Datasheet HTML 2Page - National Semiconductor (TI) LM4985 Datasheet HTML 3Page - National Semiconductor (TI) LM4985 Datasheet HTML 4Page - National Semiconductor (TI) LM4985 Datasheet HTML 5Page - National Semiconductor (TI) LM4985 Datasheet HTML 6Page - National Semiconductor (TI) LM4985 Datasheet HTML 7Page - National Semiconductor (TI) LM4985 Datasheet HTML 8Page - National Semiconductor (TI) LM4985 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Connection Diagrams
micro SMD Package
micro SMD Marking
20169715
Top View
Order Number LM4985TM
See NS Package Number TMD12AAA
20169730
Top View
X – Date Code
T – Die Traceability
G – Boomer Family
H2 – LM4985TM
Pin Reference, Name, and Function
Reference
Name
Function
A1
ADR
I
2C serial interface address input.
A2
IN2
Analog signal input two.
A3
OUT2
Power amplifier two output.
B1
SDA
I
2C serial interface data input.
B2
BYPASS
The internal V
DD/2 ac bypass node.
B3
CNTGND
In OCL mode, this is the ac ground
return. It is biased to V
DD/2. Leave
unconnected for C-CUPL mode.
C1
SCL
I2C serial interface clock input.
C2
GND
The LM4985’s power supply ground
input.
C3
V
DD
The LM4985’s power supply voltage
input.
D1
I
2CV
DD
I
2C serial interface power supply
input. Can be connected to the same
supply that is connected to the V
DD
pin.
D2
IN1
Analog signal input one.
D3
OUT1
Power amplifier one output.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com