Electronic Components Datasheet Search
  English  ▼

X  

LM4985 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4985 Datasheet HTML 3Page - National Semiconductor (TI) LM4985 Datasheet HTML 4Page - National Semiconductor (TI) LM4985 Datasheet HTML 5Page - National Semiconductor (TI) LM4985 Datasheet HTML 6Page - National Semiconductor (TI) LM4985 Datasheet HTML 7Page - National Semiconductor (TI) LM4985 Datasheet HTML 8Page - National Semiconductor (TI) LM4985 Datasheet HTML 9Page - National Semiconductor (TI) LM4985 Datasheet HTML 10Page - National Semiconductor (TI) LM4985 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Electrical Characteristics V
DD = 3.6V (Notes 1, 2) (Continued)
The following specifications apply for R
L =16
Ω, f = 1kHz, and C
B = 4.7µF unless otherwise specified. Limits apply to TA =
25˚C.
Symbol
Parameter
Conditions
LM4985
Units
(Limits)
Typ
(Note 6)
Limit
(Notes 7,
8)
THD+N
Total Harmonic Distortion + Noise
R
LOAD =16
Ω OCL, P
O = 60mW
R
LOAD =16
Ω C-CUPL, P
O = 60mW
R
LOAD =32
Ω OCL, P
O = 33mW
R
LOAD =32
Ω C-CUPL, P
O = 38mW
0.06
0.03
0.03
0.03
%
V
ON
Output Noise Voltage
V
IN = AC GND, AV = 0dB, A-weighted
15
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p (Note 9)
f
IN = 217Hz sinewave
OCL
C-CUPL
77
63
55
dB (min)
f
IN = 1kHz sinewave
OCL
C-CUPL
76
62
57
Xtalk
Channel-to-Channel Crosstalk
P
out = 40mW. OCL
R
LOAD =16
Ω
R
LOAD=32
Ω
51
56
dB
P
out = 50mW. C-CUPL
R
LOAD =16
Ω
R
LOAD=32
Ω
58
69
dB
T
WU
Wake Up Time from Shutdown
C
BYPASS= 4.7µF (Note 11)
WT1=0,WT0=0
OCL
C-CUPL
66
222
93
msec
WT1=0,WT0=1
OCL
C-CUPL
92
405
WT1=1,WT0=0
OCL
C-CUPL
143
774
WT1 = 1, WT0 =1
OCL
C-CUPL
246
1532
R
IN
Input Resistance
Stereo mode
Mono mode
20
10
k
Ω
A
VMIN
Minimum Gain
Code = 00000
–76
–72
dB (max)
A
VMAX
Maximum Gain
Code = 11111
18
17
dB (min)
∆A
V
Gain Accuracy per Step
18dB
≥ A
V
≥–44dB
–44dB
≥ A
V > –76dB
± 0.5
± 1.0
± 1.0
± 2.0
dB
V
OS
Output Offset Voltage
OCL
R
LOAD =32
Ω
V
IN =ACGND
2.0
20
mV (max)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com