Electronic Components Datasheet Search
  English  ▼

X  

LM4985 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4985 Datasheet HTML 1Page - National Semiconductor (TI) LM4985 Datasheet HTML 2Page - National Semiconductor (TI) LM4985 Datasheet HTML 3Page - National Semiconductor (TI) LM4985 Datasheet HTML 4Page - National Semiconductor (TI) LM4985 Datasheet HTML 5Page - National Semiconductor (TI) LM4985 Datasheet HTML 6Page - National Semiconductor (TI) LM4985 Datasheet HTML 7Page - National Semiconductor (TI) LM4985 Datasheet HTML 8Page - National Semiconductor (TI) LM4985 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM4985
Stereo 135mW Low Noise Headphone Amplifier with
Selectable Capacitively Coupled or Output
Capacitor-less (OCL) Output and Digitally Controlled
(I
2C) Volume Control
General Description
The LM4985 is a stereo audio power amplifier with internal
digitally controlled volume control. This amplifier is capable
of delivering 68mW
RMS per channel into a 16
Ω load or
38mW
RMS per channel into a 32
Ω load at 1% THD when
powered by a 3.6V power supply and operating in the OCL
mode.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. To that end, the LM4985 features two
functions that optimize system cost and minimize PCB area:
an integrated, digitally controlled (I
2C bus) volume control
and an operational mode that eliminates output signal cou-
pling capacitors (OCL mode). Since the LM4985 does not
require bootstrap capacitors, snubber networks, or output
coupling capacitors, it is optimally suited for low-power, bat-
tery powered portable systems. For added design flexibility,
the LM4985 can also be configured for single-ended capaci-
tively coupled outputs.
The LM4985 features a current shutdown mode for mi-
cropower dissipation and thermal shutdown protection.
Key Specifications (V
DD = 3.6V)
j PSRR: 217Hz and 1kHz
Output Capacitor-less (OCL)
f
RIPPLE = 217Hz
77dB (typ)
f
RIPPLE = 1kHz
76dB (typ)
Capacitor Coupled (C-CUPL)
f
RIPPLE = 217Hz
63dB (typ)
f
RIPPLE = 1kHz
62dB (typ)
j Output Power per channel
(f
IN = 1kHz, THD+N = 1%),
R
L =16
Ω,OCL
V
DD = 2.5V
31mW (typ)
V
DD = 3.6V
68mW (typ)
V
DD = 5.0V
135mW (typ)
j THD+N (f = 1kHz)
R
LOAD =16
Ω, OCL, P
OUT = 60mW
0.60
R
LOAD =32
Ω, OCL, P
OUT = 33mW
0.031
j Shutdown Current
0.1µA (typ)
Features
n
OCL or capacitively coupled outputs (patent pending)
n
I
2C Digitally Controlled Volume Control
n
Available in space-saving 0.4mm lead-pitch micro SMD
package
n
Volume control range: –76dB to +18dB
n
Ultra low current shutdown mode
n
2.3V - 5.5V operation
n
Ultra low noise
Applications
n
Mobile Phones
n
PDAs
n
Portable electronics devices
n
MP3 Players
Boomer® is a registered trademark of National Semiconductor Corporation.
May 2006
© 2006 National Semiconductor Corporation
DS201697
www.national.com


Similar Part No. - LM4985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4985 TI1-LM4985 Datasheet
1Mb / 33P
LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4985TMEVAL TI1-LM4985TMEVAL Datasheet
1Mb / 33P
LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
More results

Similar Description - LM4985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Texas Instruments
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com