Electronic Components Datasheet Search
  English  ▼

X  

AP2502 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2502
Description  4-CH Linear Constant Current Sink With Matching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2502 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2502 Datasheet HTML 1Page - Diodes Incorporated AP2502 Datasheet HTML 2Page - Diodes Incorporated AP2502 Datasheet HTML 3Page - Diodes Incorporated AP2502 Datasheet HTML 4Page - Diodes Incorporated AP2502 Datasheet HTML 5Page - Diodes Incorporated AP2502 Datasheet HTML 6Page - Diodes Incorporated AP2502 Datasheet HTML 7Page - Diodes Incorporated AP2502 Datasheet HTML 8Page - Diodes Incorporated AP2502 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
4-CH Linear Constant Current Sink With Matching
AP2502
Oct. 2010
Rev 1. 1
BCD Semiconductor Manufacturing Limited
5
Recommended Operating Conditions
Electrical Characteristics
VIN=3.6V, VF_LED=3.2V, TA = 25°C, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min Typ Max
Unit
LED Dropout Voltage
VDROPOUT
ISINK =20mA
65
120
mV
Enable PIN High Voltage
VIH
2
6
V
Enable PIN Low Voltage
VIL
0
0.5
V
LED
Maximum
Sink
Current
ILED(MAX)
VCC=3.3 to 6.0V, Enable=VCC
18
20
22
mA
Sink
Current
Matching
Between each Channel
ILED-MATCH
VLED=0.4V
0.5
1
%
Quiescent Current
IQ
ILED1=ILED2=ILED3=ILED4=20mA
125
180
µA
Shutdown Current
ISHUTDOWN
Set EN Pin Low
0.1
1
µA
Thermal Resistance (Junction
to Case)
θ
JC
80
°C/W
PWM Frequency to Adjust
Brightness
fPWM
150
kHz
EN Pin Pulse High Time
THIGH
1
µs
EN Pin Pulse Low Time
TLOW
100
ns
Thermal
Shutdown
Temperature
TOTSD
150
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
Value
Parameter
Symbol
Min
Max
Unit
Enable Input Voltage
VEN
2.0
6.0
V
Operating Temperature Range
TA
-40
85
°C
Sink Current
ILED
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com