Electronic Components Datasheet Search
  English  ▼

X  

AP2502 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2502
Description  4-CH Linear Constant Current Sink With Matching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2502 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2502 Datasheet HTML 3Page - Diodes Incorporated AP2502 Datasheet HTML 4Page - Diodes Incorporated AP2502 Datasheet HTML 5Page - Diodes Incorporated AP2502 Datasheet HTML 6Page - Diodes Incorporated AP2502 Datasheet HTML 7Page - Diodes Incorporated AP2502 Datasheet HTML 8Page - Diodes Incorporated AP2502 Datasheet HTML 9Page - Diodes Incorporated AP2502 Datasheet HTML 10Page - Diodes Incorporated AP2502 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
4-CH Linear Constant Current Sink With Matching
AP2502
Oct. 2010
Rev 1. 1
BCD Semiconductor Manufacturing Limited
7
-40
-20
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
90
100
110
120
Case Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
140
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
V
EN
=3V
V
LED
=300mV
Case Temperature (
oC)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
V
LED
=300mV
T
C
=25
oC
Enable Voltage (V)
0
1020
30
4050
60
7080
90
-10
0
10
20
30
40
50
60
70
80
90
100
110
f=100Hz
f=10kHz
f=100kHz
f=150kHz
T
C
=25
oC
Duty Cycle (%)
99
Typical Performance Characteristics (Continued)
Figure 8. Dropout Voltage vs. Case Temperature
Figure 9. Current Matching vs. Case Temperature
Figure 10. LED Current vs. Enable Voltage
Figure 11. LED Current Efficiency vs. Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com