Electronic Components Datasheet Search
  English  ▼

X  

AP2502 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2502
Description  4-CH Linear Constant Current Sink With Matching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2502 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2502 Datasheet HTML 1Page - Diodes Incorporated AP2502 Datasheet HTML 2Page - Diodes Incorporated AP2502 Datasheet HTML 3Page - Diodes Incorporated AP2502 Datasheet HTML 4Page - Diodes Incorporated AP2502 Datasheet HTML 5Page - Diodes Incorporated AP2502 Datasheet HTML 6Page - Diodes Incorporated AP2502 Datasheet HTML 7Page - Diodes Incorporated AP2502 Datasheet HTML 8Page - Diodes Incorporated AP2502 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
4-CH Linear Constant Current Sink With Matching
AP2502
Oct. 2010
Rev 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2502 is a 4-channel independent linear
current sink with low dropout voltage and perfect
match between each channel. Each channel can
provide 20mA continuous constant current.
In application, there is only one 0.1
µF ceramic
capacitor required, and there is no any EMI and
switching noise issue. It is perfect choice for
hand-hold portable system especially based on
Li-ion/Polymer battery powered display module.
The brightness can be controlled and/or adjustable
via simple PWM signal applied to EN pin.
The AP2502 is available with SOT-23-6 and
TSOT-23-6 packages.
Features
•
Current Matching Between Each Channel: ±1%
•
Low Dropout Voltage: 65mV (Typ.) @ ILED=
20mA
•
Maximum Output Current on Each Channel:
20mA
•
Ultra-low Quiescent Current: 125
µA (Typ.)
•
Ultra-low Shutdown Current: 1
µA (Max.)
•
None EMI and Switching Noise Issue
•
Permitted PWM Dimming Frequency up to
•
150kHz
•
OTSD Protection
Applications
•
Mobile Phone, Smart Phone, PDA
•
MP3, MP4, PMP
•
Small Size Backlight Module
Figure 1. Package Types of AP2502
SOT-23-6
TSOT-23-6


Similar Part No. - AP2502

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2502 BCDSEMI-AP2502 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
AP2502KTR-G1 BCDSEMI-AP2502KTR-G1 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
AP2502KTTR-G1 BCDSEMI-AP2502KTTR-G1 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
More results

Similar Description - AP2502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
logo
BCD Semiconductor Manuf...
AP2502 BCDSEMI-AP2502 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
AP3608E BCDSEMI-AP3608E Datasheet
979Kb / 15P
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
logo
Rohm
BU64241GWZ ROHM-BU64241GWZ Datasheet
938Kb / 24P
Linear Constant Current VCM Driver
logo
BCD Semiconductor Manuf...
AP3609 BCDSEMI-AP3609 Datasheet
770Kb / 13P
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR
Rev 5
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7506 HMSEMI-HM7506 Datasheet
411Kb / 5P
Programmable linear constant current controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com