Electronic Components Datasheet Search
  English  ▼

X  

74F181 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F181
Description  Arithmetic logic unit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F181 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F181 Datasheet HTML 1Page - NXP Semiconductors 74F181 Datasheet HTML 2Page - NXP Semiconductors 74F181 Datasheet HTML 3Page - NXP Semiconductors 74F181 Datasheet HTML 4Page - NXP Semiconductors 74F181 Datasheet HTML 5Page - NXP Semiconductors 74F181 Datasheet HTML 6Page - NXP Semiconductors 74F181 Datasheet HTML 7Page - NXP Semiconductors 74F181 Datasheet HTML 8Page - NXP Semiconductors 74F181 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
March 3, 1989
5
Table 1. Sum Mode Test
Function Inputs: S0 = S3 = 4.5V,
S1 = S2 = M = 0V
PARAMETER
INPUT
UNDER TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER TEST
PARAMETER
INPUT
UNDER TEST
Apply 4.5V
Apply GND
Apply 4.5V
Apply GND
OUTPUT
UNDER TEST
tPLH, tPHL
Ai
Bi
None
Remaining A and B
Cn
Fi
tPLH, tPHL
Bi
Ai
None
Remaining A and B
Cn
Fi
tPLH, tPHL
Ai
Bi
None
None
Remaining A, B, Cn
P
tPLH, tPHL
Bi
Ai
None
None
Remaining A, B, Cn
P
tPLH, tPHL
Ai
None
Bi
Remaining B
Remaining A, Cn
G
tPLH, tPHL
Bi
None
Ai
Remaining B
Remaining A, Cn
G
tPLH, tPHL
Ai
None
Bi
Remaining B
Remaining A, Cn
Cn+4
tPLH, tPHL
Bi
None
Ai
Remaining B
Remaining A, Cn
Cn+4
tPLH, tPHL
Cn
None
None
All A
All B
Any F or Cn+4
Table 2. Diff Mode Test
Function Inputs: S1 = S2 = 4.5V,
S0 = S3 = M = 0V
PARAMETER
INPUT
UNDER TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER TEST
PARAMETER
INPUT
UNDER TEST
Apply 4.5V
Apply GND
Apply 4.5V
Apply GND
OUTPUT
UNDER TEST
tPLH, tPHL
Ai
None
Bi
Remaining A
Remaining B, Cn
Fi
tPLH, tPHL
Bi
Ai
None
Remaining A
Remaining B, Cn
Fi
tPLH, tPHL
Ai
None
Bi
None
Remaining A, B, Cn
P
tPLH, tPHL
Bi
Ai
None
None
Remaining A, B, Cn
P
tPLH, tPHL
Ai
Bi
None
None
Remaining A, B, Cn
G
tPLH, tPHL
Bi
None
Ai
None
Remaining A, B, Cn
G
tPLH, tPHL
Ai
None
Bi
Remaining A
Remaining B, Cn
A=B
tPLH, tPHL
Bi
Ai
None
Remaining A
Remaining B, Cn
A=B
tPLH, tPHL
Ai
Bi
None
None
Remaining A, B, Cn
Cn+4
tPLH, tPHL
Bi
None
Ai
None
Remaining A, B, Cn
Cn+4
tPLH, tPHL
Cn
None
None
All A and B
None
Any F or Cn+4
Table 3. Logic Mode Test
Function Inputs: S1 = S2 = 4.5V,
S0 = S3 = 0V
PARAMETER
INPUT
UNDER TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER TEST
PARAMETER
INPUT
UNDER TEST
Apply 4.5V
Apply GND
Apply 4.5V
Apply GND
OUTPUT
UNDER TEST
tPLH, tPHL
Ai
Bi
None
None
Remaining A, B, Cn
Fi
tPLH, tPHL
Bi
Ai
None
None
Remaining A, B, Cn
Fi
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com