Electronic Components Datasheet Search
  English  ▼

X  

74F181 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F181
Description  Arithmetic logic unit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F181 Datasheet(HTML) 7 Page - NXP Semiconductors

  74F181 Datasheet HTML 1Page - NXP Semiconductors 74F181 Datasheet HTML 2Page - NXP Semiconductors 74F181 Datasheet HTML 3Page - NXP Semiconductors 74F181 Datasheet HTML 4Page - NXP Semiconductors 74F181 Datasheet HTML 5Page - NXP Semiconductors 74F181 Datasheet HTML 6Page - NXP Semiconductors 74F181 Datasheet HTML 7Page - NXP Semiconductors 74F181 Datasheet HTML 8Page - NXP Semiconductors 74F181 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
March 3, 1989
7
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
Tamb = +25°C
CL = 50pF
RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF
RL = 500Ω
UNIT
Mode
Table
Waveform
Condition
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Cn to Cn+4
Sum
Diff
1
2
1
M=0V
3.0
2.5
5.0
5.0
8.0
8.0
3.0
2.5
8.5
8.5
ns
tPLH
tPHL
Propagation delay
An or Bn to Cn+4
Sum
1
2
M=S1=S2=0V,
S0=S3=4.5V
5.0
5.0
9.0
8.0
12.0
12.0
5.0
5.0
13.0
12.5
ns
tPLH
tPHL
Propagation delay
An or Bn to Cn+4
Diff
2
2
M=S0=S3=0V,
S1=S2=4.5V
5.0
5.0
9.5
8.0
13.0
12.0
5.0
5.0
14.0
12.5
ns
tPLH
tPHL
Propagation delay
Cn to Fn
Diff
Sum
2
1
1
M=0V
3.0
3.0
5.0
5.0
8.0
8.0
3.0
2.5
9.0
9.0
ns
tPLH
tPHL
Propagation delay
An or Bn to G
Sum
1
1
M=S1=S2=0V,
S0=S3=4.5V
3.0
3.0
5.0
5.0
7.5
7.5
2.5
2.5
8.0
8.0
ns
tPLH
tPHL
Propagation delay
An or Bn to G
Diff
2
2
M=S0=S3=0V,
S1=S2=4.5V
3.0
3.0
4.5
5.0
8.0
8.5
2.5
2.5
9.0
9.5
ns
tPLH
tPHL
Propagation delay
An or Bn to P
Sum
1
2
M=S1=S2=0V,
S0=S3=4.5V
2.5
3.0
4.0
4.5
7.0
7.5
2.0
2.5
7.5
8.0
ns
tPLH
tPHL
Propagation delay
An or Bn to P
Diff
2
1, 2
M=S0=S3=0V,
S1=S2=4.5V
2.5
3.0
4.0
5.0
7.5
8.5
2.0
2.5
8.0
9.0
ns
tPLH
tPHL
Propagation delay
Ai or Bi to Fi
Sum
1
1, 2
M=S1=S2=0V,
S0=S3=4.5V
3.0
3.0
4.5
4.5
7.5
7.5
2.5
3.0
8.5
8.5
ns
tPLH
tPHL
Propagation delay
Ai or Bi to Fi
Diff
2
1, 2
M=S0=S3=0V,
S1=S2=4.5V
3.0
3.0
4.5
5.0
8.5
8.5
2.5
3.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
An or Bn to Fn
Sum
1, 2
3.5
3.5
6.0
5.5
10.0
9.5
3.0
3.0
11.0
10.0
ns
tPLH
tPHL
Propagation delay
An or Bn to Fn
Diff
1, 2
4.0
4.5
6.5
7.0
10.5
10.5
3.5
4.5
11.0
11.0
ns
tPLH
tPHL
Propagation delay
Ai or Bi to Fi
Logic
3
1, 2
M=4.5V
3.5
3.5
5.5
5.5
9.0
10.0
3.0
3.0
9.5
10.5
ns
tPLH
tPHL
Propagation delay
An or Bn to A=B
Diff
2
1, 2
M=S0=S3=0V,
S1=S2=4.5V
10.0
6.0
14.0
8.5
19.0
12.5
9.5
5.5
20.5
12.5
ns
NOTES:
“An or Bn to Fn” means any A or any B to any F; “Ai or Bi to Fi” means A1, B1 to F1; A2, B2 to F2 (the identifying number must be the same).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com