Electronic Components Datasheet Search
  English  ▼

X  

74F181 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F181
Description  Arithmetic logic unit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F181 Datasheet(HTML) 8 Page - NXP Semiconductors

  74F181 Datasheet HTML 1Page - NXP Semiconductors 74F181 Datasheet HTML 2Page - NXP Semiconductors 74F181 Datasheet HTML 3Page - NXP Semiconductors 74F181 Datasheet HTML 4Page - NXP Semiconductors 74F181 Datasheet HTML 5Page - NXP Semiconductors 74F181 Datasheet HTML 6Page - NXP Semiconductors 74F181 Datasheet HTML 7Page - NXP Semiconductors 74F181 Datasheet HTML 8Page - NXP Semiconductors 74F181 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
March 3, 1989
8
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
Tamb = +25°C
CL = 50pF
RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF
RL = 500Ω
UNIT
Mode
Waveform
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Si to Fi (Inverting)
1
3.5
3.5
5.5
5.0
8.0
8.0
3.0
3.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
Si to Fi (Non-Inverting)
2
3.0
3.0
5.5
5.5
8.5
8.5
3.0
3.0
9.5
9.5
ns
tPLH
tPHL
Propagation delay
Si to A=B (Inverting)
1
10.5
6.0
16.5
8.0
22.5
11.0
10.5
6.0
24.0
11.5
ns
tPLH
tPHL
Propagation delay
Si to A=B (Non-Inverting)
2
10.0
5.5
15.0
8.5
19.0
12.5
10.0
5.0
21.0
13.5
ns
tPLH
tPHL
Propagation delay
Si to Cn+4 (Inverting)
1
3.5
3.0
7.0
5.5
11.0
10.0
3.0
2.5
12.5
10.0
ns
tPLH
tPHL
Propagation delay
Si to G (Non-Inverting)
2
2.5
2.5
5.0
4.0
7.5
7.5
2.5
2.5
8.0
8.0
ns
tPLH
tPHL
Propagation delay
Si to P (Non-Inverting)
2
2.5
2.5
4.0
4.5
6.5
7.0
2.5
2.5
7.0
8.0
ns
tPLH
tPHL
Propagation delay
M to Fi (Inverting)
Sum
1
3.5
3.5
6.0
6.0
8.5
8.5
3.5
3.5
9.5
9.5
ns
tPLH
tPHL
Propagation delay
M to Fi (Non-Inverting)
Sum
2
4.5
4.0
7.0
6.0
10.0
9.5
4.5
4.0
11.0
10.0
ns
tPLH
tPHL
Propagation delay
M to Fi (Inverting)
Diff
1
3.5
3.5
6.0
6.0
8.5
8.5
3.5
3.5
9.5
9.5
ns
tPLH
tPHL
Propagation delay
M to Fi (Non-Inverting)
Diff
2
4.0
4.0
7.0
6.0
10.0
9.5
4.0
4.0
11.5
10.0
ns
tPLH
tPHL
Propagation delay
M to A=B (Inverting)
Sum
1
12.0
6.5
16.0
8.0
20.0
11.0
11.0
6.0
22.0
11.0
ns
tPLH
tPHL
Propagation delay
M to A=B (Non-Inverting)
Sum
2
13.0
6.5
17.0
8.0
21.0
10.5
12.0
6.0
24.0
11.5
ns
tPLH
tPHL
Propagation delay
M to A=B (Inverting)
Diff
1
11.5
6.0
16.0
8.0
20.0
10.5
10.5
6.0
22.0
11.0
ns
tPLH
tPHL
Propagation delay
M to A=B (Non-Inverting)
Diff
2
13.0
6.0
17.0
8.0
21.5
11.0
12.5
6.0
24.0
11.5
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
VOUT
VIN
tPLH
tPHL
SF00092
Waveform 1.
Propagation Delay for Non-Inverting Paths
VM
VM
VM
VM
VOUT
VIN
tPHL
tPLH
SF00093
Waveform 2.
Propagation Delay for Inverting Paths



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com