Electronic Components Datasheet Search
  English  ▼

X  

MFRC500 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MFRC500
Description  Highly Integrated ISO 14443A Reader IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC500 Datasheet(HTML) 4 Page - NXP Semiconductors

  MFRC500 Datasheet HTML 1Page - NXP Semiconductors MFRC500 Datasheet HTML 2Page - NXP Semiconductors MFRC500 Datasheet HTML 3Page - NXP Semiconductors MFRC500 Datasheet HTML 4Page - NXP Semiconductors MFRC500 Datasheet HTML 5Page - NXP Semiconductors MFRC500 Datasheet HTML 6Page - NXP Semiconductors MFRC500 Datasheet HTML 7Page - NXP Semiconductors MFRC500 Datasheet HTML 8Page - NXP Semiconductors MFRC500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Short Form Specification Rev. 2.0 January 2002
Highly Integrated ISO 14443A Reader IC
MF RC500
4
PUBLIC
2 BLOCK DIAGRAM
The block diagram shows the main internal parts
of the MF RC500.
The parallel µController interface automatically
detects the kind of 8 bit parallel interface
connected to it. It includes a comfortable bi-
directional FIFO buffer and a configurable
interrupt output. This gives the flexibility to
connect a variety of µC, even low cost devices,
still meeting the requirements of high-speed
contactless transactions.
The Data processing part performs parallel serial
conversion of the data. It supports framing
including CRC and parity generation / checking. It
operates in full transparent mode thus supporting
all layers of ISO 14443A.
The status and control part allows configuration of
the device to adapt to environmental influences
and to adjust to operate with best performance.
For communication with MIFARE® Classic
products like MIFARE® Standard or MIFARE®
Light a high speed CRYPTO 1 stream cipher unit
and a secure non-volatile key memory is
implemented.
The analog circuit includes a transmitting part with
a very low impedance bridge driver output. This
allows an operating distance up to 100mm. The
receiver is able to detect and decode even very
weak responses. Due to a highly sophisticated
implementation the receiver is no longer a limiting
factor for the operating distance.
MF RC500
Parallel
µController
Interface
with FIFO Buffer
Status and Control
Analog Circuitry
Integrated
Demodulator,
Bit-Decoder,
Output Drivers
Data Processing
Parallel/Serial Conversion
CRC/Parity Generation & Check
Framing Generation & Check
Bit Coding and Decoding
Crypto1 Security
& Key Memory
Data Bus
Addr. Bus
Control Lines
MIFARE
®
Classic
MIFARE
®
Pro
ISO14443A
Figure 2-1: MF RC500 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com