Electronic Components Datasheet Search
  English  ▼

X  

MFRC500 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MFRC500
Description  Highly Integrated ISO 14443A Reader IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC500 Datasheet(HTML) 3 Page - NXP Semiconductors

  MFRC500 Datasheet HTML 1Page - NXP Semiconductors MFRC500 Datasheet HTML 2Page - NXP Semiconductors MFRC500 Datasheet HTML 3Page - NXP Semiconductors MFRC500 Datasheet HTML 4Page - NXP Semiconductors MFRC500 Datasheet HTML 5Page - NXP Semiconductors MFRC500 Datasheet HTML 6Page - NXP Semiconductors MFRC500 Datasheet HTML 7Page - NXP Semiconductors MFRC500 Datasheet HTML 8Page - NXP Semiconductors MFRC500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Short Form Specification Rev. 2.0 January 2002
Highly Integrated ISO 14443A Reader IC
MF RC500
3
PUBLIC
1 INTRODUCTION
1.1 Scope
The MF RC500 is member of a new family of
highly integrated reader ICs for contactless
communication on 13,56MHz. This new reader IC
family utilises an outstanding modulation and
demodulation concept completely integrated for all
major kinds of passive contactless communication
methods and protocols on 13,56MHz.
The MF RC500 supports all layers of ISO14443A.
The internal transmitter part is able to drive a
proximity antenna (up to 100mm) directly without
additional active circuitry.
The receiver part provides a robust and efficient
implementation of a demodulation and decoding
circuitry for signals of ISO14443A compatible
transponders.
The digital part handles ISO 14443A framing and
error detection (Parity & CRC). Additionally it
supports the fast CRYPTO 1 stream cipher to
authenticate MIFARE® Classic (MIFARE®
Standard, MIFARE® Light) products.
A comfortable parallel interface which can be
directly connected to any 8-bit µController gives
high flexibility for Reader / Terminal design.
1.2 Features
• Highly integrated analog circuitry to decode
card response
• Buffered output drivers to connect an antenna
with minimum number of external components
• Proximity operating distance (up to 100 mm)
• Fast internal oscillator buffer to connect 13.56
MHz quartz
• Clock frequency monitoring
• Hard reset with low power functions
• Power down mode per software
• Parallel µController interface with internal
address latch and IRQ line
• Automatic detection of parallel µC interface
type
• Comfortable send and receive FIFO buffer
• Anti-collision procedure support
• Bit- and byte-oriented framing
• Unique serial number
• Onboard timer circuit
• Supports MIFARE® PRO and ISO 14443A
(transparent mode and T=”CL” )
• Supports MIFARE® Classic
• Crypto1 and secure non-volatile internal key
memory
• Supports MIFARE® active antenna concept.
• Suitable for high security terminals with SAM’s
based on e.g. triple DES, RSA, elliptic curves
1.3 Applications
The MF RC500 is tailored to fit the requirements
of various applications using contactless
communication based on ISO/IEC 14443A
standard where cost-effectiveness, small size,
high performance with a single voltage supply are
important.
•
Public transport terminals
•
Handheld terminals
•
On board units
•
Contactless PC terminals
•
Metering
•
Contactless public phones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com