Electronic Components Datasheet Search
  English  ▼

X  

MFRC500 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MFRC500
Description  Highly Integrated ISO 14443A Reader IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MFRC500 Datasheet(HTML) 2 Page - NXP Semiconductors

  MFRC500 Datasheet HTML 1Page - NXP Semiconductors MFRC500 Datasheet HTML 2Page - NXP Semiconductors MFRC500 Datasheet HTML 3Page - NXP Semiconductors MFRC500 Datasheet HTML 4Page - NXP Semiconductors MFRC500 Datasheet HTML 5Page - NXP Semiconductors MFRC500 Datasheet HTML 6Page - NXP Semiconductors MFRC500 Datasheet HTML 7Page - NXP Semiconductors MFRC500 Datasheet HTML 8Page - NXP Semiconductors MFRC500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Short Form Specification Rev. 2.0 January2002
Highly Integrated ISO 14443A Reader IC
MF RC500
2
PUBLIC
CONTENTS
1
INTRODUCTION ................................... 3
1.1
Scope ................................................... 3
1.2
Features ............................................... 3
1.3
Applications........................................... 3
2
BLOCK DIAGRAM................................. 4
3
MF RC500 PINNING.............................. 5
3.1
Pinning Diagram.................................... 5
3.2
Pin Description...................................... 6
3.2.1
Antenna Interface .................................. 6
3.2.2
Analog Supply ....................................... 6
3.2.3
Digital Supply ........................................ 6
3.2.4
Auxillary Pin .......................................... 6
3.2.5
Reset Pin .............................................. 7
3.2.6
Oscillator............................................... 7
3.2.7
MIFARE® Interface ................................ 7
3.2.8
Parallel Interface.................................... 7
3.3
Applications........................................... 8
3.3.1
Connecting Different µController's........... 8
3.3.2
Application Example .............................. 8
4
MIFARE® CLASSIC RELATED ITEMS.... 9
4.1
CRYPTO I: Card Authentication.............. 9
4.1.1
Initiating Card Authentication.................. 9
4.1.2
Second Part of Card Authentication ........ 9
5
ELECTRICAL SPECIFICATION.............10
5.1
DC Characteristics ...............................10
5.2
Start up Characteristics.........................10
MIFARE® is a registered trademark of Philips Electronics N.V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com