Electronic Components Datasheet Search
  English  ▼

X  

2SC1383 Datasheet(PDF) 4 Page - Weitron Technology

Part # 2SC1383
Description  NPN General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC1383 Datasheet(HTML) 4 Page - Weitron Technology

  2SC1383 Datasheet HTML 1Page - Weitron Technology 2SC1383 Datasheet HTML 2Page - Weitron Technology 2SC1383 Datasheet HTML 3Page - Weitron Technology 2SC1383 Datasheet HTML 4Page - Weitron Technology 2SC1383 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WEITRON
2SC1383/2SC1384
http://www.weitron.com.tw
-1
-3
-10
-30
-100
0
200
160
120
80
40
180
140
100
60
20
V CB=10V
T a=25ûC
E mitter current I
E
(mA)
FIG7. Current-Gain-Bandwidth
1
3
10
30
100
0
50
40
30
20
10
45
35
25
15
5
IE =0
f=1MHz
T a=25ûC
C ollector to bas e voltage V
C B
(V )
FIG9. Capacitance
0.1
1
10
100
0.3
3
30
0
120
100
80
60
40
20
IC =10mA
T a=25ûC
2S C 1384
2S C 1383
B as e to emitter res is tance
R
B E
(k )
FIG9. V
VS R
CER
BE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com