Electronic Components Datasheet Search
  English  ▼

X  

2SC1383 Datasheet(PDF) 3 Page - Weitron Technology

Part # 2SC1383
Description  NPN General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC1383 Datasheet(HTML) 3 Page - Weitron Technology

  2SC1383 Datasheet HTML 1Page - Weitron Technology 2SC1383 Datasheet HTML 2Page - Weitron Technology 2SC1383 Datasheet HTML 3Page - Weitron Technology 2SC1383 Datasheet HTML 4Page - Weitron Technology 2SC1383 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WEITRON
2SC1383/2SC1384
http://www.weitron.com.tw
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature
T a
(ûC )
FIG1. Total Power Dissipation
Vs Ambient Temperature
0
1
2
10
8
2
6
4
0
1.2
1.0
0.8
0.6
0.4
0.2
V C E =10V
T a=25ûC
B as e current I
B
(mA)
FIG3. Collect Current Vs
Base Current
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
V C E =10V
T a=75ûC
25ûC
-25ûC
C ollector current I
C
(A)
FIG6. Current Gain Bandwidth
Product
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC /IB=10
T a= -25ûC
25ûC
75ûC
C ollector current
I
C
(A)
FIG 5. Base-Emitter Saturation
Voltage
0.01
0.1
1
10
0.03
0.3
3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
IC/IB=10
T a=75ûC
25ûC
-25ûC
C ollector current I
C
(A)
FIG4. Collector-Emitter
Saturation Voltage
0
1
0
8
2
6
4
0
1.5
1.25
1.0
0.75
0.5
0.25
IB=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
T a=25ûC
C ollector to emitter voltage
V
C E
(V )
FIG2. Static Characteristic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com