Electronic Components Datasheet Search
  English  ▼

X  

2SC1383 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC1383
Description  NPN General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC1383 Datasheet(HTML) 2 Page - Weitron Technology

  2SC1383 Datasheet HTML 1Page - Weitron Technology 2SC1383 Datasheet HTML 2Page - Weitron Technology 2SC1383 Datasheet HTML 3Page - Weitron Technology 2SC1383 Datasheet HTML 4Page - Weitron Technology 2SC1383 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product
(IC=50 mAdc,VCE=10 Vdc, f=30MHz)
fT
100
-
-
DC Current Gain
(IC=500 mAdc,VCE=10 Vdc)
(IC=1.0 Adc,VCE=5.0 Vdc)
Collector-Emitter Saturation Voltage
(IC=500 mAdc, IB=50mAdc)
Base-Emitter Saturation Voltage
(IC=500 Adc, IB=50mAdc)
hFE
VCE(sat)
VBE(sat)
-
-
-
-
-
Vdc
Vdc
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
2SC1383/2SC1384
(1)
hFE (2)
85
50
340
MHz
CLASSIFICATION OF hFE
Rank
Range
Q
H
85-170
170-340
0.4
1.2
WEITRON
http://www.weitron.com.tw
R
120-240



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com