Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 1 Page - Weitron Technology

Part # BC327
Description  PNP General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC327 Datasheet(HTML) 1 Page - Weitron Technology

  BC327 Datasheet HTML 1Page - Weitron Technology BC327 Datasheet HTML 2Page - Weitron Technology BC327 Datasheet HTML 3Page - Weitron Technology BC327 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC327
BC328
BC327/BC328
TO-92
2
2
1
3
3
1
800
-50
-30
-45
-25
-5.0
-5.0
625
Collector-Emitter Breakdown Voltage
IC=-10mA, IB=0
Collector-Base Breakdown Voltage
IC=-100µA, IE=0
Emitter-Base Breakdown Voltage
IC=-10µA, IC=0
Unit
Unit
Max
Typ
Min
Symbol
V
V
V
V
Vdc
V
mA
mW/°C
°C
°C
-55 to +150
-55 to +150
Operating Junction Temperature Range
Storage Junction Temperature Range
PD
V(BR)CBO
V(BR)CEO
V(BR)EBO
-
-
-
-
-
-
-50
-30
-45
-25
-5.0
COLLECTOR
BASE
EMITTER
1/4
29-Jun-06
Lead(Pb)-Free
P b
Collector Current Continuous
Rating
Symbol
lC
Tstg
TJ
PNP General Purpose Transistor
VEBO
VCBO
VCEO
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Maximum Ratings(TA=25°C unless otherwise noted)
Total Device Dissipation
Alumina Substrate,TA=25°C
BC327
BC328
BC327
BC328
BC327
BC328
ELECTRICAL CHARACTERISTICS
Characteristics
WEITRON
http://www.weitron.com.tw
OFF CHARACTERISTICS


Similar Part No. - BC327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC327 SEMTECH-BC327 Datasheet
424Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC327 FAIRCHILD-BC327 Datasheet
92Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC327

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com