Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 3 Page - Weitron Technology

Part # BC327
Description  PNP General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC327 Datasheet(HTML) 3 Page - Weitron Technology

  BC327 Datasheet HTML 1Page - Weitron Technology BC327 Datasheet HTML 2Page - Weitron Technology BC327 Datasheet HTML 3Page - Weitron Technology BC327 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC327/BC328
3/4
29-Jun-06
WEITRON
http://www.weitron.com.tw
Typical Characteristics
Fig.2 Static Characteristic
Figure 3. DC current Gain
Fig.4 Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Fig.6 Gain Bandwidth Product
-1
-2
-3
-4
-5
-0
-100
-200
-300
-400
-500
PT
W
m
0
0
6
=
IB
A
m
0
.
3
-
=
IB
A
m
0
.
2
-
=
IB
A
m
5
.
3
-
=
IB = - 1.0mA
IB
A
m
5
.
1
-
=
IB = - 0.5mA
IB
A
m
0
.
4
-
=
IB
A
m
5
.
2
-
=
IB
A
m
5
.
4
-
=
IB
A
m
0
.
5
-
=
IB = 0
VCE(V), COLLECTOR-EMITTER VOLTAGE
-10
-20
-30
-40
-50
-4
-8
-12
-16
-20
P
T
W
m
0
0
6
=
IB
0
8
-
=
µA
IB
0
7
-
=
µA
IB
0
6
-
=
µA
IB
0
5
-
=
µA
IB
0
4
-
=
µA
IB
0
3
-
=
µA
I
B
0
2
-
=
µA
I
B
0
1
-
=
µA
I
B = 0
V
CE(V), COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
PULSE
- 1.0V
VCE = - 2.0V
IC(mA), COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
PULSE
VCE(sat)
VBE(sat)
IC(mA), COLLECTOR CURRENT
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-0.1
-1
-10
-100
-1000
VCE = -1V
PULSE
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
VCE = -5.0V
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Fig.5 Base-Emitter On Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com