Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 2 Page - Weitron Technology

Part # BC327
Description  PNP General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC327 Datasheet(HTML) 2 Page - Weitron Technology

  BC327 Datasheet HTML 1Page - Weitron Technology BC327 Datasheet HTML 2Page - Weitron Technology BC327 Datasheet HTML 3Page - Weitron Technology BC327 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ON CHARACTERISTICS
OFF CHARACTERISTICS
V
V
MHz
VCE(sat)
VBE(sat)
fT
630
-
-
-
-
-
-0.7
-
-1.2
-
Symbol
Typ
Max
Unit
100
40
-
-
260
Min
-0.2
-0.1
-0.1
µA
µA
µA
BC327/BC328
2/4
29-Jun-06
WEITRON
http://www.weitron.com.tw
Classification
100 ~ 250
60-
hFE Classification
40
16
25
hFE1
hFE2
100-
170-
160 ~ 400
250 ~ 630
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted) (Countinued)
Characteristics
Collector Cut-off Current
VCE=-40V, lB=0
VCE=-20V, lB=0
Collector Cut-off Current
VCB=-45V, lE=0
VCB=-25V, lE=0
lCEO
lCBO
lEBO
Emitter Cutoff Current
VEB=-4.0V, lC=0
BC327
BC328
BC327
BC328
hFE1
hFE2
DC Current Gain
VCE=-1V, lC=-100mA
VCE=-1V, lC=-300mA
Collector-Emitter Saturation Voltage
lC=-500mA, lB=-5mA
Base-Emitter Saturation Voltage
lC=-500mA, lB=-5mA)
Transition frequency
VCE=-5V, lC=-10mA, f=100MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com