Electronic Components Datasheet Search
  English  ▼

X  

MMA712 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # MMA712
Description  DC to 12 GHz Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA712 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  MMA712 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 4Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 5Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 6Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A
Ae
erro
offlle
ex
x // M
Me
ette
elliic
cs
s,, IIn
nc
c.., 975 Stewart Drive, Sunnyvale, CA 94085
TEL: 408-737-8181• FAX: 408-733-7645 • sales@aeroflex-metelics.com • www.aeroflex-metelics.com
Revision Date: 6/6/04
3
MMA712
DC to 12 GHz Amplifier
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
11
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
1
2
3
4
5
6
7
8
9
10
11
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
0
1
2
3
4
5
6
7
8
9
10
11
5
6
7
8
9
10
11
12
13
14
15
Gain vs Temperature
Frequency (GHz)
Output VSWR vs Temperature
Frequency (GHz)
Frequency (GHz)
Noise Figure vs Temperature
Frequency (GHz)
Frequency (GHz)
Input VSWR vs Temperature
Output Power vs Temperature
Frequency (GHz)
3rd Order Intercept vs Temperature
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
+25°C
+85°C
-40°C
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
+25°C
+85°C
-40°C
0
1
2
3
4
5
6
7
8
9
10
11
12
+25°C
+85°C
-40°C
RF Performance, 2012 Package:
Figure 9.
Figure 7.
Figure 11.
Figure 10.
Figure 8.
Figure 12.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com