Electronic Components Datasheet Search
  English  ▼

X  

MMA712 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MMA712
Description  DC to 12 GHz Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA712 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MMA712 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 4Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 5Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 6Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revision Date: 6/6/04
MMA712
DC to 12 GHz Amplifier
Description:
The MMA712 is a fully matched Darlington Amplifier,
constructed with reliable InGaP-GaAs HBT technology.
Exhibits extremely flat gain response over the operating
band.
Features:
•
DC - 12 GHz Broadband Gain Block.
•
Flat gain over bandwidth +/- 1 dB.
•
50 Ohm match Input/Output
NOT TO SCALE
712
CM22 PACKAGE
2012 PACKAGE
712
Parameter
Minimum
Typical
Maximum
Units
Test Conditions
Frequency Range
DC
- - -
12
GHz
CM22 Package
DC
- - -
11
GHz
2012 Package
Gain
11
12
14
dB
VSWR
- - -
1.50:1
2.40:1
- - -
Input/Output
Power Output
+10
+11
- - -
dBm
P-1 dBGCP
OIP3
+16
+23
+25
dBm
Noise Figure
- - -
5.5
6.5
dB
DC Supply current
42
48
55
mA
Vs = 6.00 V, Rbias = 22
Ω
Temperature Range
-40
- - -
+85
ºC
NOTES:
1. Vs = 6.00 Vdc, Rbias = 22
Ω
2. IMD testing with a frequency separation of 1.22 MHz and an output power of 0 dBm/tone
Absolute Maximum Ratings:
Parameters
Rating
DC voltage (Vcc)
+5.20 V
RF Input Power, continuous
+10 dBm
Operating Temperature
-40 to +85 ºC
Storage Temperature
-55 to +125 ºC
RF Specifications (TA = +25 °C):


Similar Part No. - MMA712

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA710 AEROFLEX-MMA710 Datasheet
851Kb / 4P
DC to 4 GHz Amplifier
More results

Similar Description - MMA712

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA710 AEROFLEX-MMA710 Datasheet
851Kb / 4P
DC to 4 GHz Amplifier
logo
Teledyne Technologies I...
CPA-13-6036 TELEDYNE-CPA-13-6036 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 12 GHz
CPA-13-6037 TELEDYNE-CPA-13-6037 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 12 GHz
logo
Aeroflex Circuit Techno...
MMA704 AEROFLEX-MMA704 Datasheet
298Kb / 4P
DC to 3.7 GHz Amplifier
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E Datasheet
467Kb / 8P
Variable Gain Amplifier 5 to 12 GHz
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
6 to 12 GHz GaN Driver Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
10.5 to 12 GHz High Power Amplifier
logo
Mini-Circuits
SMRP-SM50 MINI-SMRP-SM50 Datasheet
280Kb / 2P
Wideband, DC-12 GHz
logo
Analog Devices
ADH361S AD-ADH361S Datasheet
202Kb / 7P
DC to 12 GHz Divide-by-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com