Electronic Components Datasheet Search
  English  ▼

X  

MMA712 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # MMA712
Description  DC to 12 GHz Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA712 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  MMA712 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 4Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 5Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 6Page - Aeroflex Circuit Technology MMA712 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
Ae
erro
offlle
ex
x // M
Me
ette
elliic
cs
s,, IIn
nc
c.., 975 Stewart Drive, Sunnyvale, CA 94085
TEL: 408-737-8181• FAX: 408-733-7645 • sales@aeroflex-metelics.com • www.aeroflex-metelics.com
Revision Date: 6/6/04
6
Application Circuit:
RBIAS
22 Ohms
C1
C2
L1
MMA712
C4
100pF
C3
10pF
C5
0.1uF
Vs = 6.00VDC
C1, C2, L1: Set by lowest operating frequency.
RF IN
RF OUT
Vs (V)
6.00
8.00 10.00
12.00
15.00
Rbias (
Ω)
22
43
86
130
200
Power Dissipation (W)
0.10
0.2
0.5
1
2
Bias Resistor Value vs Supply Voltage:
MMA712
DC to 12 GHz Amplifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com