Electronic Components Datasheet Search
  English  ▼

X  

5B40 Datasheet(PDF) 4 Page - Analog Devices

Part # 5B40
Description  Isolated, Wide Bandwidth Millivolt and Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B40 Datasheet(HTML) 4 Page - Analog Devices

  5B40 Datasheet HTML 1Page - Analog Devices 5B40 Datasheet HTML 2Page - Analog Devices 5B40 Datasheet HTML 3Page - Analog Devices 5B40 Datasheet HTML 4Page - Analog Devices 5B40 Datasheet HTML 5Page - Analog Devices 5B40 Datasheet HTML 6Page - Analog Devices 5B40 Datasheet HTML 7Page - Analog Devices 5B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5B40 & 5B41
Rev. 0 | Page 4 of 8
Common-Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
100 dB
90 dB
Normal Mode Rejection
-3 dB @ 10 kHz
*
Input Protection
Continuous
240 V rms, maximum
*
Transient
ANSI/IEEE C37.90.1-1989
*
Output Resistance
50
Ω
*
Voltage Output Protection
Continuous Short to Ground
*
Output Selection Time
6 µs @ Cload = 0 to 2,000 pF
*
Output Enable Control
Max Logic "0"
+1 V
*
Min Logic "1"
+2.5 V
*
Max Logic "1"
+36 V
*
Input Current "0"
0.4 mA
*
Power Supply Voltage
+5 V ±5%
*
Power Supply Current
30 mA
*
Power Supply Sensitivity, RTI
±2 µV/Vs%
±0.4 mV/Vs%
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
*
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
*
Operating
-40°C to +85°C
*
Storage
-40°C to +85°C
*
Relative Humidity
0 to 93% @ +40°C non-condensing
*
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
*
* Specifications same as model 5B40.
1 Vz is the nominal input voltage that results in a 0 V output.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity and assumes R
L > 50 kΩ. Loads heavier than 50 kΩ will degrade nonlinearity and gain temperature
coefficient.
3 The output common must be kept within ±3 V of power common.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com