Electronic Components Datasheet Search
  English  ▼

X  

5B40 Datasheet(PDF) 2 Page - Analog Devices

Part # 5B40
Description  Isolated, Wide Bandwidth Millivolt and Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B40 Datasheet(HTML) 2 Page - Analog Devices

  5B40 Datasheet HTML 1Page - Analog Devices 5B40 Datasheet HTML 2Page - Analog Devices 5B40 Datasheet HTML 3Page - Analog Devices 5B40 Datasheet HTML 4Page - Analog Devices 5B40 Datasheet HTML 5Page - Analog Devices 5B40 Datasheet HTML 6Page - Analog Devices 5B40 Datasheet HTML 7Page - Analog Devices 5B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5B40 & 5B41
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 5B40 and 5B41 are wide-bandwidth single-channel signal
conditioning modules that amplify, protect, filter and isolate
analog input voltages. Both modules provide a 10 kHz
bandwidth which ideally suits them to measuring signals that
vary rapidly with time. Examples include pressure inside a
plastic injection molding machine, strain on an automobile
chassis during a crash test and vibrations on a machine bearing
shortly before failure.
The 5B40 and 5B41 protect the computer side from damage due
to field-side over-voltage faults. All models withstand 240V rms
at their input terminals without damage thereby shielding
computer-side circuitry from field-side over-voltage conditions.
In addition, 5B40 and 5B41 Series modules are mix-and-match
and hot swappable, so can be inserted or removed from any
socket in the same backplane without disrupting system power.
A chopper-stabilized input amplifier provides low drift and
stable gain. At the amplifier input, a stable, laser-trimmed zero-
scale input offset is subtracted from the input signal to set the
zero-scale value. For user convenience, the zero can be
optionally factory-set to meet custom needs, This allows
suppression of a zero-scale input value many times larger than
the total span for precise expanded-scale measurements.
A single-pole anti-aliasing filter resides at each modules input.
A three-pole, low-pass filter in the output stage sets the
bandwidth and yields optimal noise performance for accurate
measurement of small signals in high electrical noise.
Signal isolation by transformer coupling uses a proprietary
modulation technique for linear, stable and reliable
performance. The differential input circuit on the field side is
fully floating, eliminating the need for any input grounding. A
demodulator on the computer side of the signal transformer
recovers the original signal, which is then filtered and buffered
to provide a low-noise, low-impedance output signal. The
output common must be kept within 3Vdc of power common.
A series output switch eliminates the need for external
multiplexing in many applications. The switch is turned on by
an active-low enable input. If the switch is to be on at all times,
the enable-input should be grounded to power common as it is
on the 5B01 and 5B08 backplanes.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com