Electronic Components Datasheet Search
  English  ▼

X  

5B40 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B40
Description  Isolated, Wide Bandwidth Millivolt and Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B40 Datasheet(HTML) 3 Page - Analog Devices

  5B40 Datasheet HTML 1Page - Analog Devices 5B40 Datasheet HTML 2Page - Analog Devices 5B40 Datasheet HTML 3Page - Analog Devices 5B40 Datasheet HTML 4Page - Analog Devices 5B40 Datasheet HTML 5Page - Analog Devices 5B40 Datasheet HTML 6Page - Analog Devices 5B40 Datasheet HTML 7Page - Analog Devices 5B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B40 & 5B41
Rev. 0 | Page 3 of 8
5B40 and 5B41 Models Available
Model
Input Range
Output Range
5B40-01
-10 mV to +10 mV
-5 V to +5 V
5B40-02
-50 mV to +50 mV
-5 V to +5 V
5B40-03
-100 mV to +100 mV
-5 V to +5 V
5B40-04
-10 mV to +10 mV
0 V to +5 V
5B40-05
-50 mV to +50 mV
0 V to +5 V
5B40-06
-100 mV to +100 mV
0 V to +5 V
5B40-Custom
*
*
Model
Input Range
Output Range
5B41-01
-1 V to +1 V
-5 V to +5 V
5B41-02
-5 V to +5 V
-5 V to +5 V
5B41-03
-10 V to +10 V
-5 V to +5 V
5B41-04
-1 V to +1 V
0 V to +5 V
5B41-05
-5 V to +5 V
0 V to +5 V
5B41-06
-10 V to +10 V
0 V to +5 V
5B41-07
-20 V to +20 V
-5 V to +5 V
5B41-Custom
*
*
* Custom Input/Output ranges are available. Refer to configuration guide.
5B40 and 5B41 Specifications
Description
Model 5B40
Model 5B41
Input Ranges
Standard Ranges
±10 mV to ±100 mV
±1 V to ±20 V
Custom Ranges
±5 mV to ±500 mV
±0.5 V to ±20 V
Output Ranges (RL > 50 kΩ)
4
-5 V to +5 V or 0 V to +5 V
*
Accuracy2
Initial @ +25°C
±0.05% Span ±10 µV RTI ±0.05% (Vz1)
±0.05% Span ±0.05% (Vz1)
Nonlinearity
±0.02% Span
*
Input Offset vs. Temperature
±1 µV/°C
±20 µV/°C
Output Offset vs. Temperature
±40 µV/°C
*
Gain vs. Temperature
±25 ppm of Reading/°C
±50 ppm of Reading/°C
Input Bias Current
±3 nA
±0.2 nA
Input Resistance
Power On
200 M
Ω
650 k
Ω
Power Off
40 k
Ω
650 k
Ω
Overload
40 k
Ω
650 k
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.4 µV rms
2 µV rms
Output, 100 kHz Bandwidth
10 mV peak-peak
*
Bandwidth, -3 dB
10 kHz
*
Output Rise Time, 10% to 90% Span
35 µs
*
Common-Mode Voltage (CMV)3
Input-to-Output, Continuous
1500 V rms, maximum
*
Output-to-Power, Continuous
±3 V maximum
*
Transient
ANSI/IEEE C37.90.1-1989
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com