Electronic Components Datasheet Search
  English  ▼

X  

MMBTA13 Datasheet(PDF) 4 Page - Weitron Technology

Part # MMBTA13
Description  NPN Transistors Darlington Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTA13 Datasheet(HTML) 4 Page - Weitron Technology

  MMBTA13 Datasheet HTML 1Page - Weitron Technology MMBTA13 Datasheet HTML 2Page - Weitron Technology MMBTA13 Datasheet HTML 3Page - Weitron Technology MMBTA13 Datasheet HTML 4Page - Weitron Technology MMBTA13 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTA13
MMBTA14
WEITRON
http://www.weitron.com.tw
F IG .12 T hermal R es pons e
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0 k
2.0 k
5.0 k 10 k
F IG .13 A ctive R egion S afe Operating A rea
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 k
0.4
700
500
300
200
100
70
50
30
20
10
0.6
1.0
2.0
4.0
6.0
10
20
40
TA = 25 C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
ZqJC(t) = r(t)wRqJC T J(pk)- T C = P(pk)ZqJC(t)
ZqJA(t)= r(t)wRqJA T J(pk)- TA = P(pk)ZqJA(t)
1.0 ms
100ms
TC = 25 C
1.0 s
Des ign Note: Us e of Trans ient T hermal R es is tance Data
FIGURE A
tP
PP
PP
t1
1/f
DUTY CYCLE
t1 f
t1
tP
PEAK PULSE POWER = PP
F IG .10. " On" Voltages
IC, COLLECTOR CURRENT (mA)
F IG .11
Temperature C oefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
- 1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20
30
50 70 100 200 300
500
VBE(sat)@ IC/IB = 1000
TJ = 25 C
VBE(on)@ VCE = 5.0 V
VCE(sat)@ IC/IB = 1000
- 2.0
- 3.0
- 4.0
- 5.0
- 6.0
5.0 7.0 10
20 30
50 70 100
200 300
500
25 C TO 125 C
- 55 C TO 25 C
*R VC FOR VCE(sat)
VB FOR VBE
25 C TO 125 C
- 55 C TO 25 C
*APPLIES FOR IC/IB 3 hFE/3.0
q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com