Electronic Components Datasheet Search
  English  ▼

X  

MMBTA13 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBTA13
Description  NPN Transistors Darlington Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTA13 Datasheet(HTML) 2 Page - Weitron Technology

  MMBTA13 Datasheet HTML 1Page - Weitron Technology MMBTA13 Datasheet HTML 2Page - Weitron Technology MMBTA13 Datasheet HTML 3Page - Weitron Technology MMBTA13 Datasheet HTML 4Page - Weitron Technology MMBTA13 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBTA13
MMBTA14
WEITRON
http://www.weitron.com.tw
E L E C T R IC A L C HA R A C T E R IS T IC S (TA = 25 C unless otherwise noted) (Continued)
C haracteris tic
S ymbol
Min
Max
Unit
ON C HA R A C T E R IS T IC S (3)
DC C urrent G ain
(IC = 10 mAdc, VC E = 5.0 Vdc)
MMB TA13
MMB TA14
(IC = 100 mAdc, VC E = 5.0 Vdc)
MMB TA13
MMB TA14
hFE
5000
10,000
10,000
20,000
-
-
-
-
-
-
-
-
C ollector- E mitter S aturation Voltage
(IC = 100 mAdc, IB = 0.1 mAdc)
VC E (sat)
1.5
V dc
B ase- E mitter On Voltage
(IC = 100 mAdc, VC E = 5.0 Vdc)
V BE
2.0
V dc
S MA L L - S IG NA L C HA R A C T E R IS T IC S
C urrent- G ain - B andwidth P roduct (4)
(IC = 10 mAdc, VC E = 5.0 Vdc, f = 100 MHz)
fT
125
MHz
3. P ulse Test: P ulse Width
300 us, Duty C ycle
2.0%.
4. fT = |hfe| ftest.
RS
in
en
IDEAL
TRANSISTOR
F IG .1. T rans is tor Nois e Model
F IG .2 Nois e Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
F IG .3 Nois e C urrent
f, FREQUENCY (H z)
5.0
10
10
20
50 100 200 500 1 k 2 k
5 k 10 k 20 k 50 k 100 k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS 0
IC = 1.0 m A
100mA
10mA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100mA
10 mA
10 20
50 100 200 500 1 k 2 k
5 k 10 k 20 k 50 k 100 k
@



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com