Electronic Components Datasheet Search
  English  ▼

X  

MMBTA13 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBTA13
Description  NPN Transistors Darlington Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTA13 Datasheet(HTML) 1 Page - Weitron Technology

  MMBTA13 Datasheet HTML 1Page - Weitron Technology MMBTA13 Datasheet HTML 2Page - Weitron Technology MMBTA13 Datasheet HTML 3Page - Weitron Technology MMBTA13 Datasheet HTML 4Page - Weitron Technology MMBTA13 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Darlington Amplifier
Transistors
NPN
MA XIMUM R AT ING S
R ating
S ymbol
Value
Unit
C ollector- E mitter Voltage
VC E S
30
V dc
C ollector- B ase Voltage
V C BO
30
V dc
E mitter- B ase Voltage
V E BO
10
V dc
C ollector C urrent - C ontinuous
IC
300
mAdc
T HE R MA L C HA R A C T E R IS T IC S
C haracteris tic
S ymbol
Max
Unit
Total Device Dissipation F R ±5 B oard(1)
TA = 25 C
Derate above 25 C
P D
225
1.8
mW
mW/ C
T hermal R esistance J unction to Ambient
R J A
556
C /W
Total Device Dissipation
Alumina S ubstrate,(2) TA = 25 C
Derate above 25 C
P D
300
2.4
mW
mW/ C
T hermal R esistance J unction to Ambient
R J A
417
C /W
J unction and S torage Temperature
T J , Tstg
- 55 to +150
C
DE V IC E MA R K ING
MMB TA13 = 1M; MMB TA14LT 1 = 1N
E L E C T R IC A L C HA R A C T E R IS T IC S (TA = 25 C unless otherwise noted)
C haracteris tic
S ymbol
Min
Max
Unit
OF F C HA R A C T E R IS T IC S
C ollector- E mitter B reakdown Voltage
(IC = 100 uAdc, VBE = 0)
V (BR )C E S
30
-
-
-
V dc
C ollector C utoff C urrent
(V C B = 30 Vdc, IE = 0)
IC BO
100
nAdc
E mitter C utoff C urrent
(V E B = 10 Vdc, IC = 0)
IE BO
100
nAdc
1. F R - 5 = 1.0
0.75
0.062 in.
2. Alumina = 0.4
0.3
0.024 in. 99.5% alumina.
MMBTA13
MMBTA14
1
2
3
S OT -23
COLLECTOR 3
BASE
1
EMITTER 2
q
http://www.weitron.com.tw
WEITRON


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
logo
Leshan Radio Company
MMBTA13LT1 LRC-MMBTA13LT1 Datasheet
210Kb / 5P
Darlington Amplifier Transistors(NPN Silicon)
LMBTA13LT1 LRC-LMBTA13LT1 Datasheet
220Kb / 6P
Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_06 Datasheet
74Kb / 6P
Darlington Amplifier Transistors
January, 2006 ??Rev. 2
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
NPN Transistors Darlington Amplifier
logo
WILLAS ELECTRONIC CORP
MMBTA1XLT1 WILLAS-MMBTA1XLT1 Datasheet
446Kb / 6P
Darlington Amplifier Transistors
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G_15 Datasheet
330Kb / 6P
Darlington Amplifier Transistors
LMBTA14LT1G LRC-LMBTA14LT1G_15 Datasheet
338Kb / 6P
Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
Darlington Amplifier Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com