Electronic Components Datasheet Search
  English  ▼

X  

LT3960 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3960
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3960 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3960 Datasheet HTML 2Page - Analog Devices LT3960 Datasheet HTML 3Page - Analog Devices LT3960 Datasheet HTML 4Page - Analog Devices LT3960 Datasheet HTML 5Page - Analog Devices LT3960 Datasheet HTML 6Page - Analog Devices LT3960 Datasheet HTML 7Page - Analog Devices LT3960 Datasheet HTML 8Page - Analog Devices LT3960 Datasheet HTML 9Page - Analog Devices LT3960 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT3960
6
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current (I2CAN Dominant)
vs VCC
Supply Current (I2CAN Recessive)
vs VCC
Supply Current (I2CAN Dominant)
vs Temperature
Supply Current (I2CAN Recessive)
vs Temperature
I2CAN Differential Output Voltage
(Dominant) vs Temperature
I2CAN Common Mode Voltage
(Dominant) vs Temperature
CANxH Short-Circuit Current
(Dominant) vs CANxH Voltage
CANxH Short-Circuit Current
(Dominant) vs CANxH Voltage
I2C to CAN Propagation Delay
vs Temperature
TA = 25°C, VCC = 3.3V, RPU = 60Ω unless otherwise noted.
VCC (V)
3
3.5
4
4.5
5
5.5
35
40
45
50
55
60
65
70
3960 G01
VCC (V)
3
3.5
4
4.5
5
5.5
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
3960 G02
VCC = 5V
VCC = 3.3V
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
35
40
45
50
55
60
65
70
3960 G03
VCC = 3.3V
TEMPERATURE (˚C)
–50 –30 –10 10 30 50 70 90 110 130 150
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
3960 G04
VCC = 5V
VCC = 3.3V
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3960 G05
VCC = 5V
VCC = 3.3V
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
3960 G06
VCC = 5V
VCC = 3.3V
CANXH (V)
–40 –35 –30 –25 –20 –15 –10 –5
0
5
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
3960 G07
VCC = 5V
VCC = 3.3V
CANXL (V)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
3960 G08
DOMINANT
RECESSIVE
TEMPERATURE (˚C)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
50
60
70
3960 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com