Electronic Components Datasheet Search
  English  ▼

X  

LT3960 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3960
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3960 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3960 Datasheet HTML 5Page - Analog Devices LT3960 Datasheet HTML 6Page - Analog Devices LT3960 Datasheet HTML 7Page - Analog Devices LT3960 Datasheet HTML 8Page - Analog Devices LT3960 Datasheet HTML 9Page - Analog Devices LT3960 Datasheet HTML 10Page - Analog Devices LT3960 Datasheet HTML 11Page - Analog Devices LT3960 Datasheet HTML 12Page - Analog Devices LT3960 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT3960
9
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
1.95V FOR VCC = 3.3V
2.5V FOR VCC = 5V
SHUTDOWN
SHUTDOWN
3960 BD
CANSDAH
CANSDAL
35.7k
35.7k
VCC
VCC
VCC
VCC
PREDRIVE
TX TIMEOUT
READ/WRITE
ARBITRATION
SDA
GND
1.1k
1.1k
1.1k
RPU
VCC
VCC
RPU
1.1k
–
+
CANSCLH
CANSCLL
VCC
VIN
VIN
4V TO 60V
35.7k
35.7k
PREDRIVE
TX TIMEOUT
MODE
SELECT
SCL
–
+
EN/MODE
I2C MASTER
+
–
3.3V
0.5V
3
11
10
9
7
6
8
4
5
2
1
2.2 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com