Electronic Components Datasheet Search
  English  ▼

X  

LT3960 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3960
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3960 Datasheet(HTML) 3 Page - Analog Devices

  LT3960 Datasheet HTML 1Page - Analog Devices LT3960 Datasheet HTML 2Page - Analog Devices LT3960 Datasheet HTML 3Page - Analog Devices LT3960 Datasheet HTML 4Page - Analog Devices LT3960 Datasheet HTML 5Page - Analog Devices LT3960 Datasheet HTML 6Page - Analog Devices LT3960 Datasheet HTML 7Page - Analog Devices LT3960 Datasheet HTML 8Page - Analog Devices LT3960 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT3960
3
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Low Dropout Regulator
VIN
Input Voltage Operating Range
VCC Regulated Internally from VIN
VIN Tied to VCC, 3.3V Range
VIN Tied to VCC, 5V Range
l
l
l
4
3
4.5
60
3.6
5.5
V
V
V
IIN(SD)
VIN Shutdown Current
EN/MODE = 0V
20
26
µA
VCC
LDO Regulation Voltage
4V ≤ VIN ≤ 60V, ILDO = 1mA
3.1
3.3
3.5
V
VLINE
LDO Line Regulation
4V ≤ VIN ≤ 60V, ILDO = 1mA
0.05
%/V
VLOAD
LDO Load Regulation
0.1mA < ILDO < 100mA
0.05
%/mA
VCC,LOW LDO Voltage at Low VIN
ILDO = 85mA, VIN = 4V
3
V
ILIMCC
LDO Current Limit
LDO Foldback Current Limit
VCC = 3.0
VCC = 0.5V
100
130
25
160
mA
mA
VUVLO
VCC Undervoltage Lockout Threshold
VCC Undervoltage Lockout Hysteresis
VCC Falling
l
2.6
2.7
75
2.9
V
mV
ICC
VCC Shutdown Supply Current
VCC Operating Supply Current
EN/MODE = 0V, VCC = VIN
EN/MODE ≥ 0.7V, VCC = VIN
4.2
3
6
mA
mA
EN/MODE Selection
VSHDN
EN/MODE Shutdown Threshold Falling
l
400
700
800
mV
VSHDN-HYS EN/MODE Shutdown Hysteresis
50
mV
VMSTR
EN/MODE Master Threshold
l
1.9
2
2.2
V
IEN-UP
EN/MODE Pin Bias Current Low
EN/MODE = 350mV
2
µA
CAN Drivers
VO(D)
Bus Output Voltage
(Dominant)
CANxH t < tTO:CAN
VCC = 3.3V
l
2.15
2.9
3.3
V
VCC = 5V
l
2.75
3.6
4.5
V
CANxL t < tTO:CAN
VCC = 3.3V
l
0.5
0.9
1.65
V
VCC = 5V
0.5
1.4
2.25
V
VO(R)
Bus Output Voltage (Recessive)
VCC = 3.3V, No Load (Figure 1)
VCC = 5V, No Load (Figure 1)
l
l
1.45
2
1.95
2.5
2.45
3
V
V
VOD(D)
Differential Output Voltage (Dominant)
RL = 50Ω to 65Ω
VCC = 3.3V
l
1.5
2.2
3
V
VOD(D)
Differential Output Voltage (Dominant)
VCC = 5V
2.7
3.1
3.5
V
VOD(R)
Differential Output Voltage (Recessive)
No Load (Figure 1)
l
–500
0
50
mV
VOC(R)
Common Mode Output Voltage (Dominant)
VCC = 3.3V, (Figure 1)
VCC = 5V, (Figure 1)
l
l
1.45
2
1.95
2.5
2.45
3
V
V
IOS(D)
Bus Output Short-Circuit Current
(Dominant)
CANxH CANxH = 0V
l
–150
–75
–40
mA
CANxH –40V < CANxH < VO(R)
l
–150
3
mA
CANxL CANxL = 5V
l
25
75
100
mA
CANxL VCC < CANxL < 40V
l
–3
100
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VCC = 3.3V, Figure 1 Applies with RPU = 4.99k, RL = 60Ω,
EN/MODE = VCC, TYP values unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com