Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM2883
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC4331
10
Rev 0
For more information www.analog.com
TEST CIRCUITS
DRIVER
R
A
B
R
4331 FO1
VOD
+
–
DRIVER
A
B
–60V TO 60V
4331 FO2
IOSD
+–
RECEIVER
B OR A
A OR B
VIN
IIN
4331 FO3
+–
VIN
RIN =
IIN
DRIVER
CL
CL
A
RDIFF
B
4331 FO4
(A–B)
tRD
90%
90%
4331 F04b
10%
10%
0V
0V
tFD
Figure1. Driver DC Characteristics
Figure2. Driver Output Short-Circuit Current
Figure3. Receiver Input Current and Input Resistance
Figure4. Driver Timing Measurement
Figure5. SCL and SDA Driver Timing Measurement
RL
CL
1.5V
4331 F05
0.65V
VL
VL
VOL
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com