Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM2883
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTC4331
18
Rev 0
For more information www.analog.com
Table2. Link Speed
SPEED1
(Note 1)
SPEED2
(Note 1)
SPEED INDEX
I2C CLASS
EFFECTIVE I2C
LINK RATE
MAX CABLE
LENGTH (m) (Note 2)
SLEW RATE LIMITING
OPTION (Note 3)
L
L
8
Fm+
1MHz
30
No
Float
L
7
Fm
500kHz
60
No
H
L
6
Fm
250kHz
200
No
L
Float
5
Fm
125kHz
600
No
L
H
4
Sm
100kHz
1200
No
H
Float
3
Sm
63kHz
1200+
No
Float
Float
2
Sm
31kHz
1200+
No
Float
H
1
Sm
20kHz
1200+
Yes
H
H
0
Sm
12.5kHz
1200+
Yes
Note 1: For assignments to float, 0.5 • VL can also be applied to pin.
Note 2: Evaluated with Cat5E Ethernet cable in a lab environment. Actual maximum cable length depends on type of cable and application environment.
Note 3: Using SLO.
Propagation times across the link for the SYSTEM timing specifications are based on the SPEED1 and SPEED2 pins.
APPLICATIONS INFORMATION
all local slave device addresses must be greater (lower
priority) than the remote slave device address. This is
to allow proper slave address negotiation.
• Care must be taken when interrupting an I2C transaction
with a START or STOP. A START or STOP can only be
issued when the local side LTC4331 is in slave-receive
mode. Since internally the data is sampled on the rising
edge, the local I2C bus is considered slave driven after
the last rising edge of SCL in a master driven data cycle.
• The LTC4331 supports a faster local I2C clock rate
relative to the effective link rate. The device has a fixed
length internal buffer to hold a complete byte as it is
transferred across the link at the rate set by SPEED1
and SPEED2. During this time the local I2C bus stalls
preventing further I2C data from entering the buffer.
If however, a local master sends multiple consecu-
tive START/STOP commands faster than the effective
link rate, this buffer can overflow. The LTC4331 pro-
vides two status indicators for this event. First, if the
buffer is full, then RDY rises indicating that the local
I2C interface is not ready and further START, STOP, or
write data event can be lost. Second, a TX_BUFFER_
OVERFLOW FAULT event occurs if a local master
writes additional I2C events while RDY is high.
• A remote slave device will not see a SCL timeout con-
dition (bus reset) initiated by a local slave device if a
remote device is not the target of the local Master.
Link Speed
The link baud rate is set using the SPEED1 and SPEED2
pins as shown in Table 2. Column I2C Class shows the
timing mode set on the local and remote I2C interfaces.
The Effective I2C Link Rate shows the rate I2C data propa-
gates across the link. The local SCL frequency can exceed
this rate though increased clock-stretching times occur
as the Effective Link Rate decreases relative to the local
SCL frequency. The SPEED INDEX must be set to the same
value on each side of the link.
Table3. Speed Factors
SPEED INDEX
SPEED FACTOR (SF)
8
1×
7
2×
6
4×
5
8×
4
10×
3
16×
2
32×
1
50×
0
80×
Control Interface
The LTC4331 contains an addressable slave device pro-
viding a control interface for configuration and monitor-
ing. The internal slave is enabled by configuring pins A1
and A2 to assign the device a unique I2C address. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com