Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM2883
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC4331
12
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Overview
Two LTC4331 devices are required for a complete extended
I2C network. Using the REMOTE pin, one LTC4331 is con-
figured to local mode and acts as a full-featured SMBus
compatible I2C slave device. Through this local interface
a master can address a remote slave device up to 1200m
away along a differential cable. On the remote network a
second LTC4331 configured to remote mode acts as an
I2C master device connected to the remote slave devices.
The master interface mirrors the local I2C transactions
on the remote network and transmits the remote slave
responses back to the local network. In most cases the
link is transparent; the remote slave devices appear as
local devices to a local master.
A separate addressable slave device contained in the local
side LTC4331 provides a control interface for optional
configuration and event monitoring of the link.
differential link as an encoded bit-stream to a second
LTC4331 which is set to remote mode. After an I2C bus
turnaround, the device operates as a slave-transmitter
and the differential link direction is reversed. The remote
LTC4331 transmits the response data measured from the
remote I2C bus onto the twisted pair cable. The local side
LTC4331 then decodes the transmitted bit-stream into
I2C data events and drives them onto the local I2C bus.
When operating as a slave-transmitter, the local LTC4331
must periodically stall the local I2C bus to account for
remote I2C bus and link latencies. It does this by clock-
stretching whenever a valid response is not yet available.
Therefore it is recommended that the local I2C mas-
ter device fully support SCL clock-stretching for each
response (N)ACK and data bit. See section Considerations.
By using SCL clock-stretching to account for link and
remote device latency, the local I2C clock rate is decoupled
from the link baud rate and remote I2C clock rate. This
allows independent I2C bus rates between the local and
remote networks.
Remote Mode
On the remote side, set the REMOTE pin high to put the
LTC4331 in remote mode. In this mode the LTC4331
operates as an I2C master device. In normal operation
the remote master mirrors the I2C events produced by
the local I2C master. The device recreates the events using
Fast-mode Plus, Fast-mode, or Standard-mode class tim-
ing specifications. The timing class is selected by pins
SPEED1 and SPEED2.
The LTC4331 does not support multiple masters on the
remote I2C networks. The LTC4331’s I2C master device
interface is the only allowed master on the remote side
network. Remote slaves are also forbidden to switch
to master mode, for example as part of a host-notify
operation.
The LTC4331 master interface fully supports slave device
clock-stretching for all data bits in the packet.
I2C Transactions
A local master initiates a transaction by sending an I2C
START along with the slave address byte. The LTC4331
Figure9. LTC4331 Solution Inserted Into an I2C Network.
REM_SCL
REM_SDA
REM_ALERT
REM_CTRL
MCU_SCL
MCU_SDA
MCU_ALERT
MCU_CTRL
SCL
SDA
ALERT
CTRL
µP
A
B
LTC4331
A
B
LTC4331
DEVICE
REMOTE
REMOTE
µP
DEVICE
TWISTED PAIR
LOCAL SIDE
REMOTE SIDE
4331 F09
BREAK CONNECTIONS AND INSERT LTC4331 SOLUTION
LOCAL SLAVE
LOCAL MASTER
LOCAL SLAVE
LOCAL MASTER
REMOTE MASTER
REMOTE SLAVE
LOCAL I2C BUS
REMOTE I2C BUS
VL
Local Mode
On the local side, set the REMOTE pin low to put the
LTC4331 in local mode. In this mode the LTC4331 oper-
ates as a slave device. The I2C interface is designed to
be compatible with I2C Fast-mode Plus, Fast-mode, or
Standard-mode class timing specifications selectable
using pins SPEED1 and SPEED2.
When operating as a slave-receiver the LTC4331 cap-
tures I2C START, STOP, and data events sent by a local
I2C master. The device transmits these events across the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com