Electronic Components Datasheet Search
  English  ▼

X  

TDA7540B Datasheet(PDF) 61 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 61 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics TDA7540B Datasheet HTML 60Page - STMicroelectronics TDA7540B Datasheet HTML 61Page - STMicroelectronics TDA7540B Datasheet HTML 62Page - STMicroelectronics TDA7540B Datasheet HTML 63Page - STMicroelectronics TDA7540B Datasheet HTML 64Page - STMicroelectronics TDA7540B Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
TDA7540B
Software specification
61/75
Table 43.
Addr 32 Stereodecoder 9
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Deemphasis shift (25/37.5µs)
1
Deemphasis no shift (50/75µs)
0
0
0
0
0
AM corner frequency = 3.18kHz
0
0
0
0
1
AM corner frequency = 3.10kHz
0
0
0
1
0
AM corner frequency = 3.02kHz
-----
1
1
1
0
1
AM corner frequency = 1.12kHz
1
1
1
1
1
AM corner frequency = 1.06kHz
Table 44.
Addr 33 Test Tuner Control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)
Table 45.
Addr 34 Test Tuner Control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)
Table 46.
Addr 35 Test Tuner Control 3
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)
Table 47.
Addr 36 Test TUNER Control 4
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)
Table 48.
Addr 37 Test TUNER Control 5
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com