Electronic Components Datasheet Search
  English  ▼

X  

TDA7540B Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 5Page - STMicroelectronics TDA7540B Datasheet HTML 6Page - STMicroelectronics TDA7540B Datasheet HTML 7Page - STMicroelectronics TDA7540B Datasheet HTML 8Page - STMicroelectronics TDA7540B Datasheet HTML 9Page - STMicroelectronics TDA7540B Datasheet HTML 10Page - STMicroelectronics TDA7540B Datasheet HTML 11Page - STMicroelectronics TDA7540B Datasheet HTML 12Page - STMicroelectronics TDA7540B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
TDA7540B
Electrical specifications
9/75
3.2.2
FM section
1.16
ICCMIX1
Supply current
AM ON
7
mA
1.17
ICCMIX2
Supply current
AM ON
7
mA
1.18
ICCIF1
Supply current
5
mA
1.19
ICCST
Supply current
13
mA
2
Reference Voltages
2.1
VREF1
Internal reference voltage
IREF1 = 0mA
5
V
2.2
VREF2
Internal reference voltage
IREF2 = 0mA
2.5
V
3I2C-Bus interface
3.1
fSCL
Clock frequency
400
kHz
3.2
VIL
Input low voltage
1
V
3.3
VIH
Input high voltage
3
5
V
3.4
IIN
Input current
-5
5
µA
3.5
VO
Output acknowledge
voltage
IO = 1.6mA
0.4
V
Table 5.
Electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Item
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
4
Wide Band RF AGC
4.1
V9-11
Lower threshold start
V16 = 2.5V
85
dB
µV
4.2
V9-11
Upper threshold start
V16 = 2.5V
96
dB
µV
5
Narrow Band IF & Keying AGC
5.1
V77
Lower threshold start
KAGC = off, V9-11 = 0mVRMS
86
dB
µV
5.2
V77
Upper threshold start
KAGC = off, V9-11 = 0mVRMS
98
dB
µV
5.3
V77
Lower threshold start with
KAGC
KAGC = max,
V9-11 = 0mVRMS,
∆f
IF=300KHz
98
dB
µV
5.4
V22
Startpoint KAGC
KAGC = max,
V9-11 = 0mVRMS,
∆f
IF=300KHz
fIF1 generates FS level at V22
2.2
V
5.5
∆
Control range KAGC
∆V
22= +0.8V
16
dB
5.6
RIN
Input resistance
10
k
Ω
Table 4.
Electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 =8.5V,
fXtal = 10.25MHz, in application circuit, unless otherwise specified).
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com