Electronic Components Datasheet Search
  English  ▼

X  

TDA7540B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 3Page - STMicroelectronics TDA7540B Datasheet HTML 4Page - STMicroelectronics TDA7540B Datasheet HTML 5Page - STMicroelectronics TDA7540B Datasheet HTML 6Page - STMicroelectronics TDA7540B Datasheet HTML 7Page - STMicroelectronics TDA7540B Datasheet HTML 8Page - STMicroelectronics TDA7540B Datasheet HTML 9Page - STMicroelectronics TDA7540B Datasheet HTML 10Page - STMicroelectronics TDA7540B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
TDA7540B
Pins description and connection diagrams
7/75
2.3
Thermal data
50
MPXIN
Stereodecoder Input
51
VCCSTEREO
Stereodecoder Supply
52
AFS
Alternative Frequency Search Drive
53
MPX/AFAM
MPX Output / AM AF Output
54
AMIF2BPF
AM IF2 Bandpass Filter
55
AMIF2REF
Reference Voltage AM IF2 Amplifier
56
FMREFDEMC
FM Demodulator Reference
57
GNDDEM
Ground FM Demodulator
58
MPXW
MPX Output without ISS Filtering
59
AMIF2IN
Input AM IF2
60
VREF1
Reference 5V
61
GNDVCC2
Analog Ground
62
AMMIX2OUT2
AM Tank 450kHz
63
AMMIX2OUT1
AM Tank 450kHz
64
VCC2
Analog Supply
65
FMMIX2IN
FM IF1 Mixer2 Input
66
FMMIX2REF
FM IF1 Mixer2 Reference
67
AMRFAGCTC
AM RF AGC Time Constant
68
IF1AMP2OUT
IF1 Amplifier2 Output
69
AMDETC
AM Detector Capacitor
70
AMREFDEMC
AM Demodulator Reference
71
IF1AMP2IN
IF1 Amplifier2 Input
72
VCCIF1
IF1 Supply
73
IF1AMP1OUT
IF1 Amplifier1 Output
74
IF1REF
IF1 Amplifier Reference
75
IF1AMP1IN
IF1 Amplifier1 Input
76
GNDIF1
IF1 Ground
77
IF1AGCIN
IF1 AGC Input
78
AMAGC2TC
AM AGC2 Time Constant
79
TEST2
Testing I/O Pin
80
MIX1OUT2
Mixer Tank 10.7MHz
Table 1.
Pin description (continued)
Pin No.
Pin Name
Function
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-amb) Thermal Resistance Junction to ambient
Max.
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com