Electronic Components Datasheet Search
  English  ▼

X  

ADXRS401EB Datasheet(PDF) 5 Page - Analog Devices

Part # ADXRS401EB
Description  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS401EB Datasheet(HTML) 5 Page - Analog Devices

  ADXRS401EB Datasheet HTML 1Page - Analog Devices ADXRS401EB Datasheet HTML 2Page - Analog Devices ADXRS401EB Datasheet HTML 3Page - Analog Devices ADXRS401EB Datasheet HTML 4Page - Analog Devices ADXRS401EB Datasheet HTML 5Page - Analog Devices ADXRS401EB Datasheet HTML 6Page - Analog Devices ADXRS401EB Datasheet HTML 7Page - Analog Devices ADXRS401EB Datasheet HTML 8Page - Analog Devices ADXRS401EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADXRS401
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
TEMP
ST2
ST1
PGND
AVCC
CP1
CP2
CP4
RATEOUT
GF
E
D
C
B
A
7
6
5
4
3
2
1
CP5
CP3
PDD
CMID
SUMJ
2.5V
Figure 3. BGA-32 (Bottom View)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor to Ground – 1 µF 20 V minimum
6A, 7B
CP4
Charge Pump Capacitor – 22 nF
6C, 7C
CP3
Charge Pump Capacitor – 22 nF
5A, 5B
CP1
Charge Pump Capacitor – 22 nF
4A, 4B
CP2
Charge Pump Capacitor – 22 nF
3A, 3B
AVCC
+ Analog Supply
1B, 2A
RATEOUT
Rate Signal Output
1C, 2C
SUMJ
Output Amp Summing Junction
1D, 2D
CMID
HF Filter Capacitor – 100 nF
1E, 2E
V2.5
2.5 V Precision Reference
1F, 2G
AGND
Analog Supply Return
3F, 3G
TEMP
Temperature Voltage Output
4F, 4G
ST2
Self-Test for Sensor 2
5F, 5G
ST1
Self-Test for Sensor 1
6G, 7F
PGND
Charge Pump Supply Return
6E, 7E
PDD
+ Charge Pump Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com