Electronic Components Datasheet Search
  English  ▼

X  

ADXRS401EB Datasheet(PDF) 7 Page - Analog Devices

Part # ADXRS401EB
Description  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS401EB Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXRS401EB Datasheet HTML 3Page - Analog Devices ADXRS401EB Datasheet HTML 4Page - Analog Devices ADXRS401EB Datasheet HTML 5Page - Analog Devices ADXRS401EB Datasheet HTML 6Page - Analog Devices ADXRS401EB Datasheet HTML 7Page - Analog Devices ADXRS401EB Datasheet HTML 8Page - Analog Devices ADXRS401EB Datasheet HTML 9Page - Analog Devices ADXRS401EB Datasheet HTML 10Page - Analog Devices ADXRS401EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS401
Rev. 0 | Page 7 of 12
10
2.50
2.49
2.48
2.47
2.46
2.45
05
TIME (Seconds)
RATE AXIS (1/60 SEC SAMPLE RATE)
Figure 10. 10 g Random Vibration in Rate Axis Orientation
2.50
2.49
10g
0g
2.48
2.47
2.46
2.45
05
TIME (Seconds)
PACKAGE LATERAL AXIS (0.5s AVERAGE)
10
Figure 11. 10 g Random Vibration in Package-Lateral Axis Orientation
2.50
2.49
0g
10g
2.48
2.47
2.46
2.45
05
TIME (Seconds)
PACKAGE LONGITUDINAL AXIS (0.5s AVERAGE)
10
Figure 12. 10 g Random Vibration in Package-Longitudinal Axis Orientation
2.50
2.49
0g
10g
2.48
2.47
2.46
2.45
05
TIME (Seconds)
RATE AXIS (0.5s AVERAGE)
10
Figure 13. 10 g Random Vibration in Rate Axis Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com