Electronic Components Datasheet Search
  English  ▼

X  

ADXRS401EB Datasheet(PDF) 3 Page - Analog Devices

Part # ADXRS401EB
Description  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS401EB Datasheet(HTML) 3 Page - Analog Devices

  ADXRS401EB Datasheet HTML 1Page - Analog Devices ADXRS401EB Datasheet HTML 2Page - Analog Devices ADXRS401EB Datasheet HTML 3Page - Analog Devices ADXRS401EB Datasheet HTML 4Page - Analog Devices ADXRS401EB Datasheet HTML 5Page - Analog Devices ADXRS401EB Datasheet HTML 6Page - Analog Devices ADXRS401EB Datasheet HTML 7Page - Analog Devices ADXRS401EB Datasheet HTML 8Page - Analog Devices ADXRS401EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXRS401
Rev. 0 | Page 3 of 12
SPECIFICATIONS
@TA = 25°C, Vs = 5 V, bandwidth = 80 Hz (COUT = 0.01 µF), angular rate = 0°/s, ± 1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSITIVITY
Top view clockwise rotation is positive output
Dynamic Range1
Full-scale range,
−40°C to +85°C
±75
°/s
Scale Factor
−40°C to +85°C
12.75
15
17.25
mV/°/s
Nonlinearity
Best fit straight line
0.1
% of FS
NULL
Initial Null
2.50
V
Turn-On Time
Power on to ± ½°/s of final
35
ms
Linear Acceleration Effect
Any axis
0.2
°/s/g
NOISE PERFORMANCE
Rate Noise
@ 10 Hz bandwidth
3
mV (rms)
FREQUENCY RESPONSE
3 dB Bandwidth2 (User Selectable)
22 nF as COUT (see Setting Bandwidth section)
40
Hz
Sensor Resonant Frequency
14
kHz
SELF TEST
ST1 RATEOUT Response3
ST1 pin from Logic 0 to 1
−800
mV
ST2 RATEOUT Response
3
ST2 pin from Logic 0 to 1
+800
mV
Logic 1 Input Voltage
Standard high logic level definition
3.3
V
Logic 0 Input Voltage
Standard low logic level definition
1.7
V
Input Impedance
To common
50
k
Ω
TEMPERATURE SENSOR
VOUT at 298K
2.50
V
Max Current Load on Pin
Source to common
50
µA
Scale Factor
Proportional to absolute temperature
8.4
mV/K
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
2.5 V REFERENCE
Voltage Value
2.5
V
Load Drive to Ground
Source
200
µA
Load Regulation
0 < IOUT < 200 µA
5.0
mV/mA
POWER SUPPLY
Operating Voltage Range
4.75
5.00
5.25
V
Quiescent Supply Current
6.0
8.0
mA
TEMPERATURE RANGE
Operating Temperature Range
−40
+85
°C
1 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V
supplies.
2 Frequency at which response is 3 dB down from dc response with specified compensation capacitor value. Internal pole forming resistor is 180 k
Ω. See the S
section.
etting
Bandwidth
3 Self-test response varies with temperature. See the
section for details.
Self-Test Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com