Electronic Components Datasheet Search
  English  ▼

X  

THM2004J Datasheet(PDF) 4 Page - Tachyonics CO,. LTD

Part # THM2004J
Description  SiGe HBT MMIC Wideband Linear Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THM2004J Datasheet(HTML) 4 Page - Tachyonics CO,. LTD

  THM2004J Datasheet HTML 1Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 2Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 3Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 4Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 5Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 6Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 7Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
(TA = 25℃,VCC = 5V , L1 = 220nH, ZS = ZL =50Ω)
Absolute Maximum Ratings
℃
-55 to +150
Storage Temperature Range
℃
+150
Maximum Junction Temperature
℃
-40 to +85
Operation Temperature Range
dBm
+10
RF Input Power
mA
60
Supply Current
Supply Voltage
Parameter
V
6
Unit
Rating
I
CC
ISL
NF
RL
OUT
RL
IN
P
O(sat)
Gp
f
3dB
Symbol
mA
32
25
19
No Input Signal
Bias Current
dB
-
32
26
f = 1000MHz
Isolation
dB
6.0
4.0
-
f = 1000MHz
Noise Figure
dB
-
13
7
f = 1000MHz
Output Return Loss
dB
-
16
9
f = 1000MHz
Input Return Loss
f = 1000MHz
f = 1000MHz
Condition
dBm
dB
MHz
Unit
-
+12
+9
Saturated output
power
27
25
22
Power Gain
-
2200
2000
Upper 3dB cut off
frequency
Max.
Typ.
Min.
Specification
Parameter
Page 4 of 8
60-8, Gasan-dong, Kumchun-Gu,
Seoul, Korea. 153-023
Tel : 82-2-818-9832
Fax : 82-2-818-9635
http://www.tachyonics.co.kr
May. 2004.
Rev. 1.0
PRELIMINARY
Wideband Linear Amplifier
THM2004J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com