Electronic Components Datasheet Search
  English  ▼

X  

THM2004J Datasheet(PDF) 8 Page - Tachyonics CO,. LTD

Part # THM2004J
Description  SiGe HBT MMIC Wideband Linear Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THM2004J Datasheet(HTML) 8 Page - Tachyonics CO,. LTD

  THM2004J Datasheet HTML 1Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 2Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 3Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 4Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 5Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 6Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 7Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Evaluation Board
Component List
NOTE
Board Thickness 0.3mm
Board Material FR4
Double Layer
Board Size 30 x 30 mm2
100MHz or higher frequency
220 nH
L
100MHz or higher frequency
1000 pF
C
Remark
Value
Name
Test Circuit
Vcc
IN
50Ω
50Ω
OUT
GND
CC
C
L
Amp
1
4
2,3,5
6
Page 8 of 8
60-8, Gasan-dong, Kumchun-Gu,
Seoul, Korea. 153-023
Tel : 82-2-818-9832
Fax : 82-2-818-9635
http://www.tachyonics.co.kr
May. 2004.
Rev. 1.0
PRELIMINARY
Wideband Linear Amplifier
THM2004J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com