Electronic Components Datasheet Search
  English  ▼

X  

THM2004J Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # THM2004J
Description  SiGe HBT MMIC Wideband Linear Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THM2004J Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  THM2004J Datasheet HTML 1Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 2Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 3Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 4Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 5Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 6Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 7Page - Tachyonics CO,. LTD THM2004J Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Descriptions
THM2004J is a high performance cascadeable 50-ohm amplifier. This RFIC uses the latest
Silicon Germanium Hetero Junction Bipolar Transistor (TAHB09) process of Tachyonics Co.,
which has 30GHz f
T(Normal). THM2004J uses a multi feedback cascade amplifier topology
with resistive feedback for broad band performance as well as stability over its entire
temperature range. THM2004J also has internally matched 50 ohm impedance and wide
bandwidth.
Features
- Wide band operation : f
3dB = 2.2GHz
- Single Voltage Supply
- Internally Matched to 50 Ohm Input & Output
- High Power Gain : 25dB at 1000MHz
- Saturated Output Power : P
o(sat) = +12dBm at 1000MHz
Applications
- DBS, LNB , Medium Output
- Transmission Stage Buffer (Mobile Communication)
- IF/RF Buffer Amplifier
SOT363
Function Block Diagram
Vcc
IN
50Ω
50Ω
OUT
GND
CC
C
L
Amp
1
4
2,3,5
6
SiGe HBT MMIC
Wideband Linear Amplifier
PRELIMINARY
Wideband Linear Amplifier
THM2004J
Page 1 of 8
60-8, Gasan-dong, Kumchun-Gu,
Seoul, Korea. 153-023
Tel : 82-2-818-9832
Fax : 82-2-818-9635
http://www.tachyonics.co.kr
May. 2004.
Rev. 1.0


Similar Part No. - THM2004J

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THM2003J TACHYONICS-THM2003J Datasheet
193Kb / 8P
SiGe HBT MMIC Wideband Linear Amplifier
More results

Similar Description - THM2004J

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
SiGe HBT MMIC POWER AMPLIFIER
THM2003J TACHYONICS-THM2003J Datasheet
193Kb / 8P
SiGe HBT MMIC Wideband Linear Amplifier
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
logo
RF Micro Devices
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com