Electronic Components Datasheet Search
  English  ▼

X  

KSC7 Datasheet(PDF) 10 Page - C&K Components

Part # KSC7
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC7 Datasheet(HTML) 10 Page - C&K Components

Back Button KSC7 Datasheet HTML 6Page - C&K Components KSC7 Datasheet HTML 7Page - C&K Components KSC7 Datasheet HTML 8Page - C&K Components KSC7 Datasheet HTML 9Page - C&K Components KSC7 Datasheet HTML 10Page - C&K Components KSC7 Datasheet HTML 11Page - C&K Components KSC7 Datasheet HTML 12Page - C&K Components KSC7 Datasheet HTML 13Page - C&K Components KSC7 Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
B
B–84
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B–84
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
25 oct 18
KSC DCT Series
Dual Circuit Technology Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• SPDT NC-NO function
• Silicone actuator
• J or G terminations
• Tape & reel
• IP67
Packaging
In reels of 1,000 pieces.
Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 330 ± 2 mm
PCB Layout
Typical Applications
• Automotive
• Medical equipment
• Industrial electronics
LFS Lead free compatible, silver plated
Force
4 4.75 N
K
S
C
4
4
1
Contact Material
1 Silver
L
F
S
DCT
Type
Force
(N)
Operating Life
(operations)
Travel
(mm)
KSC441J DCT 70SH LFS 4.75 +/-1.25
300,000
0.85+0.35/-0.25
KSC441G DCT 70SH LFS 4.75 +/-1.25
300,000
0.85+0.35/-0.25
6,8+0,3
-0,1
6,2+0,3
0
3,3 mini
2,7 0,1
8,6 min
3 max
LAYOUT - PAD
SCALE : 5
1 - 2 NC
1 - 3 NO
4
3
1
2
4
3
1
2
Visual poka yoke
SCALE 5
Termination
J J bend
G Gull wing
70SH
Actuator / Tactile
70SH Silicon 70SH
6,8+0,3
-0,1
6,2+0,3
0
3,3 mini
2,7 0,1
8,6 min
3 max
LAYOUT - PAD
SCALE : 5
1 - 2 NC
1 - 3 NO
4
3
1
2
4
3
1
2
Visual poka yoke
SCALE 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com