Electronic Components Datasheet Search
  English  ▼

X  

KSC7 Datasheet(PDF) 5 Page - C&K Components

Part # KSC7
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC7 Datasheet(HTML) 5 Page - C&K Components

  KSC7 Datasheet HTML 1Page - C&K Components KSC7 Datasheet HTML 2Page - C&K Components KSC7 Datasheet HTML 3Page - C&K Components KSC7 Datasheet HTML 4Page - C&K Components KSC7 Datasheet HTML 5Page - C&K Components KSC7 Datasheet HTML 6Page - C&K Components KSC7 Datasheet HTML 7Page - C&K Components KSC7 Datasheet HTML 8Page - C&K Components KSC7 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
B–79
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
KSC SLT Series
Long Travel Tact Switch
B
20 Apr 21
J J Bend
G Gullwing
6,2+0,3
0
0,1
2,7 0,1
8,6 min
3 max
3,3 mini
6,8+0,3
-0,1
LAYOUT - PAD
SCALE : 5
*
6,2+0,3
0
0,1
2,7 0,1
12 min
5,8 max
( 0,5 )
( 15 )
7,6+0,2
-0,1
10 0,3
5
LAYOUT - PAD
SCALE : 5
*
TAPE & REEL
B
B
A
A
12 0,1
5,4
6,65
3
40
4 0,1
1,5+0,1
0
2 0,05
2 0,1
0,33 0,03
0,15 0,02
40
4 Hollows , depth 0,15 mm
SECTION B-B
Draft 5°
SECTION A-A
0,1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com