Electronic Components Datasheet Search
  English  ▼

X  

KSC7 Datasheet(PDF) 15 Page - C&K Components

Part # KSC7
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC7 Datasheet(HTML) 15 Page - C&K Components

Back Button KSC7 Datasheet HTML 11Page - C&K Components KSC7 Datasheet HTML 12Page - C&K Components KSC7 Datasheet HTML 13Page - C&K Components KSC7 Datasheet HTML 14Page - C&K Components KSC7 Datasheet HTML 15Page - C&K Components KSC7 Datasheet HTML 16Page - C&K Components KSC7 Datasheet HTML 17Page - C&K Components KSC7 Datasheet HTML 18Page - C&K Components KSC7 Datasheet HTML 19Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
B–89
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
ø 4,7
3,3 mini
6,8
ø 2,4
+0,3
6,2
0
R O H
RoHS compliant, non compatible
Contact Material
1 Silver
3 Gold
KSC5 Series
Tact Switch with Rocker Option for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 5
Operating Force
2 2 N (200 grams)
4 3 N (300 grams)
Termination
J J bend
G Gullwing
Operating force Operating force Travel to
Travel to
axial FA
lateral FL
make
make
Life expectancy Life expectancy
Type
N (grams)
N (grams) ±30% axial (mm) lateral (mm)
cycles, axial
cycles, lateral
KSC521
2 ± 0.5
1.2 - 2.6
0.25 ± 0.15
0.5 ± 0.25
100,000
10,000
KSC541
3 ± 0.75
1.8 - 3.8
0.25 ± 0.15
0.5 ± 0.25
100,000
10,000
Packaging
Switches delivered on continuous tape & reels of 1,000 pieces,
dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm
S
KSC5 hard actuator 5,6 mm high
18 sep 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com