Electronic Components Datasheet Search
  English  ▼

X  

FN2640 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN2640
Description  Low Profile - High performance, EMC/EMI IEC inlet filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2640 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN2640 Datasheet HTML 1Page - Schaffner International Ltd FN2640 Datasheet HTML 2Page - Schaffner International Ltd FN2640 Datasheet HTML 3Page - Schaffner International Ltd FN2640 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
IEC Inlet Filters
Schaffner Group
DATA SHEET
27. Sep 2022
Filter
Rated
current
Leakage
current*
Power
loss
Inductance**
Capacitance** Resistance**
Connections
Weight
max***
@ 40°C
@ 250 VAC/
50 Hz
@ 25°C
L1
L2
Cx1 Cx2
Cy1 Cy2
R
line
side
load side
(@ 120 VAC/
60 Hz)
[A]
[mA]
[W] [mH] [mH] [μF] [μF] [nF] [nF]
[kΩ]
C14
C20
[kg]
Two-stage
FN2660-10-yy-
C0909
10
0.35 (0.20)
8.2
8.3
8.3
1
0.47
2.2
2.2
680
-05
-07
-08
-103
0.5
FN2660-15-yy-
C0909
15
0.35 (0.20)
8.2
4.0
4.0
1
0.47
2.2
2.2
680
-05
-07
-08
-103
0.5
FN2660-16-yy-
C0909
16
0.35 (0.20)
9.4
4.0
4.0
1
0.47
2.2
2.2
680
-05
-07
-08
-103
0.5
FN2660-20-yy-
C0909
20
0.35 (0.20)
10.6
2.4
2.4
1
0.47
2.2
2.2
680
-05
-07
-08
-103
0.5
* Maximum leakage current under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage current could reach twice this level.
** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%.
*** Weight depending on choice of connectors.
Filter Selection Table
Product selector
yy – Load terminal type
05:
fast-on 6.3 x 0.8 mm
07:
wire leads
08:
M4 screw
103:
push-in terminal
xx – Rated current
10-20:
10 A – 20 A
FN2660-xx-yy-C0909
Per CISPR 17: symmetrical 50 Ω/50 Ω -> Differential Mode (DM); asymmetrical 50 Ω/50 Ω -> Common Mode (CM)
Typical Filter Attenuation
FN2660 - Two-stage filter
FN2660-10-yy-C0909
Hz
FN2660-15-yy-C0909 & FN2660-16-yy-C0909
Hz
FN2660-20-yy-C0909
Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com